Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1828905 Datasheet (PDF) - PHOENIX CONTACT

1828905 Datasheet PDF - PHOENIX CONTACT
Part # 1828905
Download  1828905 Download
File Size   490.08 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCV 1,5/14-G-3,81 P20 THR - PCB header

1828905 Datasheet (PDF)

Go To PDF Page Download Datasheet
1828905 Datasheet PDF - PHOENIX CONTACT

Part # 1828905
Download  1828905 Click to download

File Size   490.08 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCV 1,5/14-G-3,81 P20 THR - PCB header

1828905 Datasheet (HTML) - PHOENIX CONTACT


1828905 Product details

PCB headers, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Sn, contact connection type: Pin, number of potentials: 14, number
of rows: 1, number of positions: 14, number of connections: 14, product range: MCV 1,5/..-GTHR,
pitch: 3.81 mm, mounting: THR soldering / wave soldering, pin layout: Linear pinning,
solder pin [P]: 2 mm, number of solder pins per potential: 1, plug-in system: COMBICON MC 1,5,
Pin connector pattern alignment: Standard, locking: without, mounting: without, type of
packaging: packed in cardboard, For user information and design recommendations for throughhole
reflow technology, go to: Downloads

Your advantages
• Designed for integration into the SMT soldering process
• Vertical connection enables multi-row arrangement on the PCB
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies




Similar Part No. - 1828905

ManufacturerPart #DatasheetDescription
logo
Bahco
1828905 BAHCO-1828905 Datasheet
110Kb / 1P
Combination spanner, offset, 111M/
1828905 BAHCO-1828905 Datasheet
74Kb / 2P
Combination spanner, offset, 111M/
More results


Similar Description - 1828905

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1803549 PHOENIX-1803549 Datasheet
147Kb / 5P
MCV 1,5/14-G-3,81
1828921 PHOENIX-1828921 Datasheet
103Kb / 4P
Base strip - MCV 1,5/16-G-3,81 P20 THR
1828989 PHOENIX-1828989 Datasheet
137Kb / 6P
Feed-through header - MCV 1,5/14-GF-3,81 P20 THR
09/12/2020
1707463 PHOENIX-1707463 Datasheet
565Kb / 15P
PCB header - MCV 1,5/ 6-G-3,81 P26 THR
Nov 30, 2022
1707450 PHOENIX-1707450 Datasheet
563Kb / 15P
PCB header - MCV 1,5/ 5-G-3,81 P26 THR
Jan 3, 2023
1707502 PHOENIX-1707502 Datasheet
563Kb / 15P
PCB header - MCV 1,5/10-G-3,81 P26 THR
Jan 4, 2023
1707447 PHOENIX-1707447 Datasheet
563Kb / 15P
PCB header - MCV 1,5/ 4-G-3,81 P26 THR
Jan 10, 2023
1829124 PHOENIX-1829124 Datasheet
624Kb / 11P
PCB header - MC 1,5/20-G-3,81 P20 THR
Jan 3, 2023
1843729 PHOENIX-1843729 Datasheet
470Kb / 12P
PCB header - MCV 1,5/14-G-3,5
1821436 PHOENIX-1821436 Datasheet
457Kb / 12P
MCV 0,5/ 6-G-2,54 P20 THR R44 - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com