Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6035IM/NOPB Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
LMC6035IM/NOPB Datasheet PDF - Texas Instruments
Part # LMC6035IM/NOPB
Download  LMC6035IM/NOPB Download
File Size   2112.06 Kbytes
Page   44 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LMC603x 2.7V, Low-Power, Single-Supply, CMOS Operational Amplifiers

LMC6035IM/NOPB Datasheet (PDF)

Go To PDF Page Download Datasheet
LMC6035IM/NOPB Datasheet PDF - Texas Instruments

Part # LMC6035IM/NOPB
Download  LMC6035IM/NOPB Click to download

File Size   2112.06 Kbytes
Page   44 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LMC603x 2.7V, Low-Power, Single-Supply, CMOS Operational Amplifiers

LMC6035IM/NOPB Datasheet (HTML) - Texas Instruments


LMC6035IM/NOPB Product details

1 Features
• Typical unless otherwise noted
• LMC6035 in DSBGA package
• Specified 2.7V, 3V, 5V, and 15V performance
• Specified for 2kΩ and 600Ω loads
• Wide operating range: 2.0V to 15.5V
• Ultra-low input current: 20fA
• Rail-to-rail output swing
– At 600Ω: 200mV from either rail at 2.7V
– At 100kΩ: 5mV from either rail at 2.7V
• High voltage gain: 126dB
• Wide input common-mode voltage range
– –0.1V to +2.3V at VS = 2.7V
• Low distortion: 0.01% at 10kHz
• LMC6035 dual LMC6036 quad
• See AN-1112 (literature number SNVA009) for
DSBGA considerations
• AEC-Q100 Grade 3 qualified with LMC6035-Q1

2 Applications
• Filters
• High-impedance buffer or preamplifier
• Battery-powered electronics
• Medical instrumentation

3 Description
The LMC6035 and LMC6036 (LMC603x) are
economical, low-voltage op amps capable of rail-torail
output swing into loads of 600Ω. The LMC6035
is available in a chip-sized package (8-bump DSBGA)
using micro SMD package technology. Both devices
allow for single-supply operation and are specified
for 2.7V, 3V, 5V, and 15V supply voltage. The
2.7V supply voltage corresponds to the end-of-life
voltage (0.9V/cell) for three NiCd or NiMH batteries
in series, making the LMC603x an excellent choice for
portable and rechargeable systems. These devices
also feature a well behaved decrease in specifications
at supply voltages less than the specified 2.7V
operation. This behavior provides a comfort zone
for adequate operation at voltages significantly less
than 2.7V. The ultra-low input current makes these
devices an excellent choice for low-power, activefilter
applications because a low input bias current
allows the use of higher resistor values and lower
capacitor values. In addition, the drive capability of
the LMC603x makes these op amps an excellent
choice in a broad range of applications for low-voltage
systems.




Similar Part No. - LMC6035IM/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6035IM/NOPB TI1-LMC6035IM/NOPB Datasheet
1Mb / 29P
LMC6035/LMC6035-Q1/LMC6036 Low Power 2.7V Single Supply CMOS Operational Amplifiers
More results


Similar Description - LMC6035IM/NOPB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33171 ONSEMI-MC33171 Datasheet
217Kb / 12P
Low Power, Single Supply Operational Amplifiers
1996 REV 0
logo
National Semiconductor ...
LMC6035 NSC-LMC6035 Datasheet
792Kb / 20P
Low Power 2.7V Single Supply CMOS Operational Amplifiers
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336_08 Datasheet
1Mb / 19P
SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
OPA2336 UTC-OPA2336 Datasheet
168Kb / 6P
SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LMC6035IMM TI1-LMC6035IMM Datasheet
1Mb / 29P
LMC6035/LMC6035-Q1/LMC6036 Low Power 2.7V Single Supply CMOS Operational
logo
Unisonic Technologies
OPA2336 UTC-OPA2336_15 Datasheet
157Kb / 6P
SINGLE-SUPPLY MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LMC6035 TI1-LMC6035 Datasheet
1Mb / 29P
LMC6035/LMC6035-Q1/LMC6036 Low Power 2.7V Single Supply CMOS Operational Amplifiers
OPA234 TI1-OPA234 Datasheet
1Mb / 23P
Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
OPA337 TI1-OPA337_16 Datasheet
1Mb / 25P
MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
OPA2336 UTC-OPA2336_17 Datasheet
140Kb / 6P
SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com