Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6035IM/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6035IM/NOPB
Description  LMC603x 2.7V, Low-Power, Single-Supply, CMOS Operational Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC6035IM/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMC6035IM/NOPB Datasheet HTML 2Page - Texas Instruments LMC6035IM/NOPB Datasheet HTML 3Page - Texas Instruments LMC6035IM/NOPB Datasheet HTML 4Page - Texas Instruments LMC6035IM/NOPB Datasheet HTML 5Page - Texas Instruments LMC6035IM/NOPB Datasheet HTML 6Page - Texas Instruments LMC6035IM/NOPB Datasheet HTML 7Page - Texas Instruments LMC6035IM/NOPB Datasheet HTML 8Page - Texas Instruments LMC6035IM/NOPB Datasheet HTML 9Page - Texas Instruments LMC6035IM/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
5.4 Thermal Information: LMC6035
THERMAL METRIC(1)
LMC6035
UNIT
D (SOIC)
DGK (VSSOP) YAF (DSBGA) YZR (DSBGA)
8 PINS
8 PINS
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
122.3
149.2
103.1
93.8
°C/W
RθJC(top)
Junction-to-case(top) thermal resistance
61.4
57.7
0.5
0.5
°C/W
RθJB
Junction-to-board thermal resistance
70.1
84.1
35.4
26.3
°C/W
ψJT
Junction-to-top characterization parameter
11.4
4.4
0.3
0.3
°C/W
ψJB
Junction-to-board characterization
parameter
69.1
82.9
35.2
26.2
°C/W
RθJC(bot)
Junction-to-case(bottom) thermal resistance
N/A
N/A
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
5.5 Thermal Information: LMC6036
THERMAL METRIC(1)
LMC6036
UNIT
D (SOIC)
PW (TSSOP)
14 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance
83.0
99.5
°C/W
RθJC(top)
Junction-to-case(top) thermal resistance
42.7
31.3
°C/W
RθJB
Junction-to-board thermal resistance
42.4
56.4
°C/W
ψJT
Junction-to-top characterization parameter
7.0
1.0
°C/W
ψJB
Junction-to-board characterization parameter
42.0
55.7
°C/W
RθJC(bot)
Junction-to-case(bottom) thermal resistance
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
LMC6035, LMC6036
SNOS875H – JANUARY 2000 – REVISED DECEMBER 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LMC6035 LMC6036



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com