Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4APE6 Datasheet (PDF) - Texas Instruments

TDA4APE6 Datasheet PDF - Texas Instruments
Part # TDA4APE6
Download  TDA4APE6 Download
File Size   5335.55 Kbytes
Page   272 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TDA4VPE-Q1, TDA4APE-Q1 Jacinto™ Automotive Processors

TDA4APE6 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA4APE6 Datasheet PDF - Texas Instruments

Part # TDA4APE6
Download  TDA4APE6 Click to download

File Size   5335.55 Kbytes
Page   272 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TDA4VPE-Q1, TDA4APE-Q1 Jacinto™ Automotive Processors

TDA4APE6 Datasheet (HTML) - Texas Instruments


TDA4APE6 Product details

1 Features
Processor cores:
• Up to Three C7x floating point, vector DSP, up to
1.0GHz, 240GFLOPS, 768GOPS
• Up to Two Deep-learning matrix multiply
accelerator (MMAv2), up to 16TOPS (8b) at
1.0GHz
• Up to Two Vision Processing Accelerators (VPAC)
with Image Signal Processor (ISP) and multiple
vision assist accelerators
• Depth and Motion Processing Accelerators
(DMPAC)
• Four Arm® Cortex®-A72 microprocessor
subsystem at up to 2.0GHz
– 2MB shared L2 cache per quad-core Cortex®-
A72 cluster
– 32KB L1 DCache and 48KB L1 ICache per
Cortex®-A72 core
• Eight Arm® Cortex®-R5F MCUs at up to 1.0GHz
– 16K I-Cache, 16K D-Cache, 64K L2 TCM
– Two Arm® Cortex®-R5F MCUs in isolated MCU
subsystem
– Six Arm® Cortex®-R5F MCUs in general
compute partition
• GPU IMG BXS-4-64, 256kB Cache, up to 800MHz,
50GFLOPS, 4GTexels/s (TDA4VPE)
• Custom-designed interconnect fabric supporting
near max processing entitlement
Memory subsystem:
• Up to 8MB of on-chip L3 RAM with ECC and
coherency
– ECC error protection
– Shared coherent cache
– Supports internal DMA engine
• Up to Two External Memory Interface (EMIF)
modules with ECC
– Supports LPDDR4 memory types
– Supports speeds up to 4266MT/s
– Up to 2x32-b bus with inline ECC up to 34GB/s
• General-Purpose Memory Controller (GPMC)
• 3x512KB on-chip SRAM in MAIN domain,
protected by ECC
Functional Safety:
• Functional Safety-Compliant targeted (on select
part numbers)
– Developed for functional safety applications
– Documentation available to aid ISO 26262
functional safety system design up to ASIL-D/
SIL-3 targeted
– Systematic capability up to ASIL-D/SIL-3
targeted
– Hardware integrity up to ASIL-D/SIL-3 targeted
for MCU Domain
– Hardware integrity up to ASIL-B/SIL-2 targeted
for Main Domain
– Hardware integrity up to ASIL-D/SIL-3 targeted
for Extended MCU (EMCU) portion of the Main
Domain
– Safety-related certification
• ISO 26262 planned
• AEC-Q100 qualified on part number variants
ending in Q1
Device security (on select part numbers):
• Secure boot with secure run-time support
• Customer programmable root key, up to RSA-4K
or ECC-512
• Embedded hardware security module
• Crypto hardware accelerators – PKA with ECC,
AES, SHA, RNG, DES and 3DES
High speed serial interfaces:
• Integrated Ethernet switch supporting 4 external
ports
– Two ports support 5Gb, 10Gb USXGMII/XFI
– All ports support 1Gb, 2.5Gb SGMII
– All ports can support QSGMII. A maximum of 1
QSGMII can be enabled and uses all 4 internal
lanes
• Up to 2x2L/1x4L PCI-Express® (PCIe) Gen3
controllers
– Gen1 (2.5GT/s), Gen2 (5.0GT/s), and Gen3
(8.0GT/s) operation with auto-negotiation
• One USB 3.0 dual-role device (DRD) subsystem
– Enhanced SuperSpeed Gen1 Port
– Supports Type-C switching
– Independently configurable as USB host, USB
peripheral, or USB DRD
• Three CSI2.0 4L Camera Serial interface RX (CSIRX)
plus two CSI2.0 4L TX (CSI-TX) with DPHY
– MIPI CSI 1.3 Compliant + MIPI-DPHY 1.2
– CSI-RX supports for 1,2,3, or 4 data lane mode
up to 2.5Gbps per lane
– CSI-TX supports for 1,2, or 4 data lane mode
up to 2.5Gbps per lane
Ethernet:
• Two RGMII/RMII interfaces
Automotive interfaces:
• Twenty Modular Controller Area Network (MCAN)
modules with full CAN-FD support
Display subsystem:
• Two DSI 4L TX (up to 2.5k)
• One eDP/DP interface with Multi-Display Support
(MST)
• One DPI
Audio interfaces:
• Five Multichannel Audio Serial Port (MCASP)
modules
Video acceleration:
• H.264/H.265 Encode/Decode, up to 960MP/s
Flash memory interfaces:
• Embedded MultiMediaCard Interface ( eMMC™
5.1)
• One Secure Digital® 3.0 / Secure Digital Input
Output 3.0 interfaces (SD3.0/SDIO3.0
• Universal Flash Storage (UFS 2.1) interface with
two lanes
• Two independent flash interfaces configured as
– One OSPI or HyperBus™ or QSPI flash
interfaces, and
– One QSPI flash interface
System-on-Chip (SoC) architecture:
• 16-nm FinFET technology
• 27mm × 27mm, 0.8-mm pitch, 1063-pin FCBGA
(AND), enables IPC class 3 PCB routing
TPS6594-Q1 Companion Power Management
ICs (PMIC):
• Functional Safety support up to ASIL-D
• Flexible mapping to support different use cases

2 Applications
• Automotive:
• Advanced surround view and park assistance systems
• Autonomous sensor fusion / perception systems including camera, radar and LiDAR sensors
• Mono and multi-sensor Front camera systems
• Next generation eMirror systems
• Off-highway vehicle control
• ADAS Domain Controller

3 Description
The TDA4VPE-Q1 TDA4APE-Q1 processor family is based on the evolutionary Jacinto™ 7 architecture, targeted
at ADAS and Autonomous Vehicle (AV) applications and built on extensive market knowledge accumulated
over a decade of TI’s leadership in the ADAS processor market. The unique combination high-performance
compute, deep-learning engine, dedicated accelerators for signal and image processing in an functional safety
compliant targeted architecture make the TDA4VPE-Q1 TDA4APE-Q1 devices a great fit for several imaging,
vision, radar, sensor fusion and AI applications such as: Robotics, Mobile machineries, Off-highway vehicle
controller, Machine Vision, AI BOX, Gateways, Retail automation, Medical Imaging, and so on. The TDA4VPEQ1
TDA4APE-Q1 provides high performance compute for both traditional and deep learning algorithms at
industry leading power/performance ratios with a high level of system integration to enable scalability and lower
costs for advanced automotive platforms supporting multiple sensor modalities in centralized ECUs or standalone
sensors. Key cores include next generation DSP with scalar and vector cores, dedicated deep learning
and traditional algorithm accelerators, latest Arm and GPU processors for general compute, an integrated next
generation imaging subsystem (ISP), video codec, Ethernet hub and isolated MCU island. All protected by
automotive grade safety and security hardware accelerators.
Key Performance Cores Overview
The “C7x” next generation DSP combines TI’s industry leading DSP and EVE cores into a single higher
performance core and adds floating point vector calculation capabilities, enabling backward compatibility for
legacy code while simplifying software programming. A single instance of the new “MMAv2” deep learning
accelerator enables performance up to 8 TOPS within the lowest power envelope in the industry when
operating at the typical automotive worst case junction temperature of 125°C. The dedicated ADAS/AV hardware
accelerators provide vision pre-processing plus distance and motion processing with no impact on system
performance.
General Compute Cores and Integration Overview
Separate four core cluster configuration of Arm® Cortex®-A72 facilitates multi-OS applications with minimal
need for a software hypervisor. Four Arm® Cortex®-R5F subsystems enable low-level, timing critical processing
tasks to leave the Arm® Cortex®-A72’s unencumbered for applications. The integrated IMG BXS-4-64 GPU
offers up to 50GFLOPS to enable dynamic 3D rendering for enhanced viewing applications. Building on the
existing world-class ISP, TI’s 7th generation ISP includes flexibility to process a broader sensor suite, support
for higher bit depth, and features targeting analytics applications. Integrated diagnostics and safety features
support operations up to ASIL-D/SIL-3 levels while the integrated security features protect data against modern
day attacks. To enable systems requiring heavy data bandwidth, a PCIe hub and Gigabit Ethernet switch are
included along with CSI-2 ports to support throughput for many sensor inputs. To further the integration, the
TDA4VPE-Q1 TDA4APE-Q1 family also includes an MCU island eliminating the need for an external system
microcontroller.




Similar Part No. - TDA4APE6

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDA4AP-Q1 TI-TDA4AP-Q1 Datasheet
5Mb / 296P
TDA4VH-Q1, TDA4AH-Q1, TDA4VP-Q1, TDA4AP-Q1 Jacinto™ Processors
FEBRUARY 2023
TDA4AP-Q1 TI-TDA4AP-Q1 Datasheet
5Mb / 297P
TDA4VH-Q1, TDA4AH-Q1, TDA4VP-Q1, TDA4AP-Q1 Jacinto™ Processors
FEBRUARY 2023
TDA4AP-Q1 TI-TDA4AP-Q1 Datasheet
5Mb / 296P
TDA4VH-Q1, TDA4AH-Q1, TDA4VP-Q1, TDA4AP-Q1 Jacinto™ Processors
DECEMBER 2023
TDA4AP88TGAALYRQ1 TI-TDA4AP88TGAALYRQ1 Datasheet
5Mb / 296P
TDA4VH-Q1, TDA4AH-Q1, TDA4VP-Q1, TDA4AP-Q1 Jacinto™ Processors
DECEMBER 2023
More results


Similar Description - TDA4APE6

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRA829V TI1-DRA829V Datasheet
3Mb / 309P
DRA829V Jacinto??Automotive Processors Silicon Revision 1.0
DRA821U TI-DRA821U Datasheet
4Mb / 228P
DRA821 Jacinto??Processors
TL331-Q1 TI-TL331-Q1_V01 Datasheet
1Mb / 27P
TL331B-Q1, TL391B-Q1 and TL331-Q1 Automotive Single Comparators
DRA821U-Q1 TI-DRA821U-Q1 Datasheet
4Mb / 252P
DRA821 Jacinto™ Processors
REVISED DECEMBER 2022
TDA4VH-Q1 TI-TDA4VH-Q1 Datasheet
5Mb / 296P
TDA4VH-Q1, TDA4AH-Q1, TDA4VP-Q1, TDA4AP-Q1 Jacinto™ Processors
FEBRUARY 2023
LM2901-Q1 TI-LM2901-Q1_V02 Datasheet
1Mb / 29P
LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
REVISED MARCH 2023
TDA4VH-Q1 TI-TDA4VH-Q1_V01 Datasheet
5Mb / 297P
TDA4VH-Q1, TDA4AH-Q1, TDA4VP-Q1, TDA4AP-Q1 Jacinto™ Processors
FEBRUARY 2023
DRA821U-Q1 TI-DRA821U-Q1_V01 Datasheet
4Mb / 254P
DRA821 Jacinto™ Processors
REVISED DECEMBER 2022
LM2901-Q1 TI1-LM2901-Q1_V03 Datasheet
1Mb / 29P
LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
REVISED MARCH 2023
DRA821U-Q1 TI-DRA821U-Q1_V02 Datasheet
4Mb / 253P
DRA821 Jacinto™ Processors
REVISED JUNE 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com