Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1228826 Datasheet (PDF) - PHOENIX CONTACT

1228826 Datasheet PDF - PHOENIX CONTACT
Part # 1228826
Download  1228826 Download
File Size   199.34 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ES-FT-BPC-C 50-70 BK - Connector

1228826 Datasheet (PDF)

Go To PDF Page Download Datasheet
1228826 Datasheet PDF - PHOENIX CONTACT

Part # 1228826
Download  1228826 Click to download

File Size   199.34 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ES-FT-BPC-C 50-70 BK - Connector

1228826 Datasheet (HTML) - PHOENIX CONTACT


1228826 Product details

Connector, Range of articles: BPC, color: black, number of positions: 1, min. conductor cross
section: 50 mm2, max. conductor cross section: 70 mm2, rated voltage: 1500, rated current: 250
A, Connection method: Crimp, Contact connection type: Pin




Similar Part No. - 1228826

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1228821 PHOENIX-1228821 Datasheet
200Kb / 7P
ES-FT-BPC-S 35-70 OG - Connector
1228823 PHOENIX-1228823 Datasheet
199Kb / 7P
ES-FT-BPC-C 16-25 BK - Connector
1228824 PHOENIX-1228824 Datasheet
200Kb / 7P
ES-FT-BPC-C 16-25 OG - Connector
1228827 PHOENIX-1228827 Datasheet
200Kb / 7P
ES-FT-BPC-C 50-70 OG - Connector
1228828 PHOENIX-1228828 Datasheet
198Kb / 7P
ES-FT-BPC-B/S 35-70 BK - Connector
More results


Similar Description - 1228826

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1621847 PHOENIX-1621847 Datasheet
72Kb / 2P
Photovoltaic connector - PV-FT-CF-C-6-500-BK
1775880 PHOENIX-1775880 Datasheet
51Kb / 2P
Nut - PV-FT-C NUT BK
logo
Weidmuller
2663250000 WEIDMULLER-2663250000 Datasheet
140Kb / 4P
A2C 50/70
logo
PHOENIX CONTACT
1806024 PHOENIX-1806024 Datasheet
77Kb / 3P
Photovoltaic connector - PV-FT-CF-C-6-350-BK
11/04/2018
1806037 PHOENIX-1806037 Datasheet
107Kb / 7P
Photovoltaic connector - PV-FT-CM-C-6-350-BK
09/12/2020
logo
Kemet Corporation
080MS12AAMA1STD KEMET-080MS12AAMA1STD Datasheet
589Kb / 7P
MS/MD, 60°C/70°C
6/21/2021
logo
PHOENIX CONTACT
1231071 PHOENIX-1231071 Datasheet
254Kb / 9P
ES-FT-C4M-CO1 - Device connector front mounting
1231073 PHOENIX-1231073 Datasheet
234Kb / 8P
ES-C1M-C-CO2 - Connector
1231074 PHOENIX-1231074 Datasheet
233Kb / 8P
ES-C1F-C-CO1 - Connector
1231072 PHOENIX-1231072 Datasheet
251Kb / 9P
ES-FT-C4F-CO2 - Device connector front mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com