Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1228828 Datasheet (PDF) - PHOENIX CONTACT

1228828 Datasheet PDF - PHOENIX CONTACT
Part # 1228828
Download  1228828 Download
File Size   198.57 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ES-FT-BPC-B/S 35-70 BK - Connector

1228828 Datasheet (PDF)

Go To PDF Page Download Datasheet
1228828 Datasheet PDF - PHOENIX CONTACT

Part # 1228828
Download  1228828 Click to download

File Size   198.57 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ES-FT-BPC-B/S 35-70 BK - Connector

1228828 Datasheet (HTML) - PHOENIX CONTACT


1228828 Product details

Connector, Range of articles: BPC, housing material: PA, color: black, number of positions: 1,
min. conductor cross section: 35 mm2, max. conductor cross section: 70 mm2, rated voltage:
1500, rated current: 250 A, Connection method: Screw/Solder connection, Contact connection
type: Pin




Similar Part No. - 1228828

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1228821 PHOENIX-1228821 Datasheet
200Kb / 7P
ES-FT-BPC-S 35-70 OG - Connector
1228823 PHOENIX-1228823 Datasheet
199Kb / 7P
ES-FT-BPC-C 16-25 BK - Connector
1228824 PHOENIX-1228824 Datasheet
200Kb / 7P
ES-FT-BPC-C 16-25 OG - Connector
1228826 PHOENIX-1228826 Datasheet
199Kb / 7P
ES-FT-BPC-C 50-70 BK - Connector
1228827 PHOENIX-1228827 Datasheet
200Kb / 7P
ES-FT-BPC-C 50-70 OG - Connector
More results


Similar Description - 1228828

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66343 EPCOS-B66343 Datasheet
77Kb / 2P
EC 70/35/16 Core
logo
Integrated Circuit Syst...
SF0070BA03042S ICST-SF0070BA03042S Datasheet
284Kb / 2P
70 MHz Filter 35 MHz Bandwidth
Rev X6
logo
API Technologies Corp
SF0070BA03042S APITECH-SF0070BA03042S Datasheet
285Kb / 2P
70 MHz Filter 35 MHz Bandwidth
SF0070BA02489S APITECH-SF0070BA02489S Datasheet
161Kb / 3P
70 MHz SAW Filter 35 MHz Bandwidth
logo
PHOENIX CONTACT
1457937 PHOENIX-1457937 Datasheet
57Kb / 2P
Nut - FT NUT M25 BK
1246285 PHOENIX-1246285 Datasheet
273Kb / 9P
Safety controller - BPC 9102S
Nov 3, 2022
1231071 PHOENIX-1231071 Datasheet
254Kb / 9P
ES-FT-C4M-CO1 - Device connector front mounting
1231076 PHOENIX-1231076 Datasheet
242Kb / 9P
ES-C4F-S-CO1 - Connector
1231072 PHOENIX-1231072 Datasheet
251Kb / 9P
ES-FT-C4F-CO2 - Device connector front mounting
1231075 PHOENIX-1231075 Datasheet
244Kb / 9P
ES-C4M-S-CO2 - Connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com