Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1487215 Datasheet (PDF) - PHOENIX CONTACT

1487215 Datasheet PDF - PHOENIX CONTACT
Part # 1487215
Download  1487215 Download
File Size   1355.76 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTFIX 6/6X2,5-MTL BU - Function distribution block

1487215 Datasheet (PDF)

Go To PDF Page Download Datasheet
1487215 Datasheet PDF - PHOENIX CONTACT

Part # 1487215
Download  1487215 Click to download

File Size   1355.76 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTFIX 6/6X2,5-MTL BU - Function distribution block

1487215 Datasheet (HTML) - PHOENIX CONTACT


1487215 Product details

Function distribution block, Basic terminal block with feed-in and disconnect knife in the
branches, disconnection via screwdriver or manually, nom. voltage: 400 V, nominal current: 20
A, Load contact, connection method: Push-in connection, Rated cross section: 2.5 mm2, cross
section: 0.14 mm2 - 4 mm2, Line contact, connection method: Push-in connection, Rated cross
section: 6 mm2, cross section: 0.5 mm2 - 10 mm2, mounting: for snapping onto a DIN rail
adapter, Direct mounting with flange, Free-hanging, color: blue




Similar Part No. - 1487215

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1487214 PHOENIX-1487214 Datasheet
1Mb / 8P
PTFIX 6/6X2,5-MT BU - Function distribution block
More results


Similar Description - 1487215

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273134 PHOENIX-3273134 Datasheet
899Kb / 38P
Distribution block - PTFIX 6X2,5-NS35A BU
Jun 2, 2022
3273068 PHOENIX-3273068 Datasheet
928Kb / 39P
Distribution block - PTFIX 6/6X2,5-NS35 BU
Jun 2, 2022
3273332 PHOENIX-3273332 Datasheet
733Kb / 32P
Distribution block - PTFIX 6/6X2,5 BU
Jun 2, 2022
3273266 PHOENIX-3273266 Datasheet
704Kb / 31P
Distribution block - PTFIX 6X2,5 BU
Jun 2, 2022
3273200 PHOENIX-3273200 Datasheet
931Kb / 39P
Distribution block - PTFIX 6/6X2,5-NS35A BU
Jun 2, 2022
3273002 PHOENIX-3273002 Datasheet
848Kb / 36P
Distribution block - PTFIX 6X2,5-NS35 BU
Jun 22, 2022
3274168 PHOENIX-3274168 Datasheet
929Kb / 39P
Distribution block - PTFIX 6/6X2,5-NS15A BU
Jun 23, 2022
3273462 PHOENIX-3273462 Datasheet
646Kb / 29P
Distribution block - PTFIX 6/6X2,5-G BU
Jun 13, 2022
1130760 PHOENIX-1130760 Datasheet
1Mb / 23P
Distribution block - PTFIX 6/6X2,5-MTL
Jul 21, 2022
1092936 PHOENIX-1092936 Datasheet
731Kb / 31P
Distribution block - PTFIX 6/6X2,5 BU LQ
Sep 8, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com