Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

415-0055 Datasheet (PDF) - AG Electronica

415-0055 Datasheet PDF - AG Electronica
Part # 415-0055
Download  415-0055 Download
File Size   242.15 Kbytes
Page   2 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description Conector Header 17x2 hembra vertical 2mm

415-0055 Datasheet (PDF)

Go To PDF Page Download Datasheet
415-0055 Datasheet PDF - AG Electronica

Part # 415-0055
Download  415-0055 Click to download

File Size   242.15 Kbytes
Page   2 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description Conector Header 17x2 hembra vertical 2mm

415-0055 Datasheet (HTML) - AG Electronica


415-0055 Product details

Descripción
Conector tipo Header hembra 17x2 vertical 2mm




Similar Part No. - 415-0055

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
415-0055-012 EMERSON-NETWORKPOWER-415-0055-012 Datasheet
423Kb / 1P
Fixed Length Cable Assemblies
415-0055-024 EMERSON-NETWORKPOWER-415-0055-024 Datasheet
423Kb / 1P
Fixed Length Cable Assemblies
415-0055-036 EMERSON-NETWORKPOWER-415-0055-036 Datasheet
423Kb / 1P
Fixed Length Cable Assemblies
415-0055-048 EMERSON-NETWORKPOWER-415-0055-048 Datasheet
423Kb / 1P
Fixed Length Cable Assemblies
415-0055-060 EMERSON-NETWORKPOWER-415-0055-060 Datasheet
423Kb / 1P
Fixed Length Cable Assemblies
More results


Similar Description - 415-0055

ManufacturerPart #DatasheetDescription
logo
YEONHO ELECTRONICS
YFAW200 YEONHO-YFAW200 Datasheet
251Kb / 1P
Pin Header : 2mm PITCH
YFW200 YEONHO-YFW200 Datasheet
244Kb / 1P
Pin Header : 2mm pitch
logo
Harwin Plc
M22-2510105 HARWIN-M22-2510105 Datasheet
83Kb / 1P
2mm PITCH SIL VERTICAL PIN HEADER ASSEMBLY
logo
Amphenol Corporation
0441041000202 AMPHENOL-0441041000202 Datasheet
209Kb / 1P
RECEPTACLE CONECTOR MINIATURE 1 THRU 6 CONTACT
logo
List of Unclassifed Man...
26640601RP2 ETC2-26640601RP2 Datasheet
53Kb / 1P
2mm DUAL HEADER STRIP STRAIGHT
logo
Tyco Electronics
292161-8 MACOM-292161-8 Datasheet
89Kb / 1P
POST HEADER ASSY VERTICAL TYPE (AMP C T CONNECTOR 2mm PITCH)
logo
Japan Aviation Electron...
FB10S033JA2R6000 JAE-FB10S033JA2R6000 Datasheet
369Kb / 1P
FB10S0 JAE 0.3mm PITCH FPC CONECTOR
logo
Glenair, Inc.
240-838A GLENAIR-240-838A Datasheet
100Kb / 2P
Conector Adapter
logo
Harwin Plc
M22-2200245 HARWIN-M22-2200245 Datasheet
74Kb / 1P
2mm VERTICAL SHROUDED PIN HEADER
logo
HARTING Technology Grou...
09-03-264-6855 HARTING-09-03-264-6855 Datasheet
724Kb / 4P
CONECTOR DIN 64 FEMEA 2,9C1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com