Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD3V3F4U6S Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPD3V3F4U6S Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPD3V3F4U6S
Download  TPD3V3F4U6S Download
File Size   2459.45 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Uni-direction ESD Protection Array

TPD3V3F4U6S Datasheet (PDF)

Go To PDF Page Download Datasheet
TPD3V3F4U6S Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPD3V3F4U6S
Download  TPD3V3F4U6S Click to download

File Size   2459.45 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Uni-direction ESD Protection Array

TPD3V3F4U6S Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPD3V3F4U6S Product details

Features
» Low operating voltage: 3.3V
» Ultra low capacitance: 0.8pF
Ultra low leakage: nA level
» Low clamping voltage
» “IEC 61000-4-2 (ESD) immunity test
Air discharge: £25k
Contact discharge: +25kV
-IEC61000-4-4 (EFT) 40A (5/50ns)
-IEC61000-4-5(Lightning):4.5A(8/20ps)
» These are Pb-Free Devices
« Response Time is Typically < 1 ns




Similar Part No. - TPD3V3F4U6S

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPD3V3L2BS3LP TECHPUBLIC-TPD3V3L2BS3LP Datasheet
1Mb / 4P
Bi-directional TVS Diode
More results


Similar Description - TPD3V3F4U6S

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
DTESD5V0LED02 JIANGSU-DTESD5V0LED02 Datasheet
698Kb / 6P
Uni-direction ESD Protection Diode
CESD7V0D5 JIANGSU-CESD7V0D5 Datasheet
645Kb / 6P
Uni-direction ESD Protection Diode
CESD12VD3 JIANGSU-CESD12VD3 Datasheet
664Kb / 6P
Uni-direction ESD Protection Diode
CESD12VD7 JIANGSU-CESD12VD7 Datasheet
755Kb / 6P
Uni-direction ESD Protection Diode
ESDN12VD3 JIANGSU-ESDN12VD3 Datasheet
717Kb / 6P
Uni-direction ESD Protection Diode
ESDQ12VFA1 JIANGSU-ESDQ12VFA1 Datasheet
10Mb / 6P
Uni-direction ESD Protection Diode
ESDU5V0AG4B JIANGSU-ESDU5V0AG4B Datasheet
2Mb / 6P
Uni-direction ESD Protection Array
ESDU5V0H4 JIANGSU-ESDU5V0H4 Datasheet
681Kb / 6P
Uni-direction ESD Protection Array
ESDU5V0K4 JIANGSU-ESDU5V0K4 Datasheet
795Kb / 6P
Uni-direction ESD Protection Array
ESDU5V0N4 JIANGSU-ESDU5V0N4 Datasheet
680Kb / 6P
Uni-direction ESD Protection Array
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com