Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD3V3L2BS3LP Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPD3V3L2BS3LP Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPD3V3L2BS3LP
Download  TPD3V3L2BS3LP Download
File Size   1348.49 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Bi-directional TVS Diode

TPD3V3L2BS3LP Datasheet (PDF)

Go To PDF Page Download Datasheet
TPD3V3L2BS3LP Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPD3V3L2BS3LP
Download  TPD3V3L2BS3LP Click to download

File Size   1348.49 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Bi-directional TVS Diode

TPD3V3L2BS3LP Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPD3V3L2BS3LP Product details

Features
Ultra small package: 1.0x0.6x0.5mm
Very low capacitance: 15pF typical
Ultra low leakage: nA level
Low operating voltage: +3.3V
Low clamping voltage
3-pin leadless package
Up to 2-line protects
Complies with following standards:
— IEC 61000-4-2 (ESD) immunity test.
Air discharge: +30kV
Contact discharge: +30kV'
— IEC61000-4-5 (Lightning) 7A (8/20ps)
— IEC61000-4-4 (EFT) 40A (5/50ns)
RoHS Compliant




Similar Part No. - TPD3V3L2BS3LP

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPD3V3F4U6S TECHPUBLIC-TPD3V3F4U6S Datasheet
2Mb / 4P
Uni-direction ESD Protection Array
More results


Similar Description - TPD3V3L2BS3LP

ManufacturerPart #DatasheetDescription
logo
FutureWafer Tech Co.,Lt...
FB-5VS32 FUTUREWAFER-FB-5VS32 Datasheet
517Kb / 1P
Chip Bi-directional TVS diode
FB-5VS61 FUTUREWAFER-FB-5VS61 Datasheet
516Kb / 1P
Bi-directional TVS diode
logo
TECH PUBLIC Electronics...
ESD5V0B2-DFN3 TECHPUBLIC-ESD5V0B2-DFN3 Datasheet
2Mb / 4P
Bi -directional TVS Diode
ESD5V0B15-923 TECHPUBLIC-ESD5V0B15-923 Datasheet
1Mb / 4P
Bi-directional TVS Diode
ESD13VB7-1006 TECHPUBLIC-ESD13VB7-1006 Datasheet
1Mb / 4P
Bi -directional TVS Diode
ESD24VB3-1006 TECHPUBLIC-ESD24VB3-1006 Datasheet
1Mb / 4P
24V bi-directional TVS Diode
TPESD1521P TECHPUBLIC-TPESD1521P Datasheet
1Mb / 4P
Bi -directional TVS Diode
logo
Shanghai Leiditech Elec...
LC1211CDN LEIDITECH-LC1211CDN Datasheet
1Mb / 4P
BI-DIRECTIONAL TVS DIODE
logo
TECH PUBLIC Electronics...
ESDBL36VD3 TECHPUBLIC-ESDBL36VD3 Datasheet
1,021Kb / 4P
BI-directional TVS Diode
logo
Guangdong Youtai Semico...
SD05.TCT UMW-SD05.TCT Datasheet
284Kb / 4P
BI-directional TVS Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com