Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EIS-5PH Datasheet (PDF) - AG Electronica

EIS-5PH Datasheet PDF - AG Electronica
Part # EIS-5PH
Download  EIS-5PH Download
File Size   232.84 Kbytes
Page   2 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description POSTE HORIZONTAL 5 POSICIONES

EIS-5PH Datasheet (PDF)

Go To PDF Page Download Datasheet
EIS-5PH Datasheet PDF - AG Electronica

Part # EIS-5PH
Download  EIS-5PH Click to download

File Size   232.84 Kbytes
Page   2 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description POSTE HORIZONTAL 5 POSICIONES

EIS-5PH Datasheet (HTML) - AG Electronica


EIS-5PH Product details

Descripción
Poste horizontal paso 7.62mm [0.300”]




Similar Part No. - EIS-5PH

ManufacturerPart #DatasheetDescription
logo
AG Electronica
EIS-5PR AGELECTRONICA-EIS-5PR Datasheet
53Kb / 1P
Caja receptora paso 2.54mm [.100”].
22/JUL/08
EIS-5PR AGELECTRONICA-EIS-5PR Datasheet
221Kb / 2P
CAJA RECEPTORA 5 POSICIONES
15/01/2020
EIS-5PV AGELECTRONICA-EIS-5PV Datasheet
216Kb / 2P
POSTE VERTICAL 5 POSICIONES
15/01/2020
More results


Similar Description - EIS-5PH

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0395300005 MOLEX5-0395300005 Datasheet
145Kb / 3P
5.08mm (.200") Pitch Eurostyle??Horizontal Plug, 5 Circuits
0395100005 MOLEX5-0395100005 Datasheet
186Kb / 3P
3.81mm (.150") Pitch Eurostyle??Horizontal Plug, 5 Circuits
0395200005 MOLEX5-0395200005 Datasheet
172Kb / 3P
5.00mm (.197") Pitch Eurostyle??Horizontal Plug, 5 Circuits
logo
Hammond Manufacturing L...
S2CKS HAMMOND-S2CKS Datasheet
73Kb / 1P
Tablette pour clavier de poste terminal
logo
Molex Electronics Ltd.
39421-0005 MOLEX11-39421-0005 Datasheet
39Kb / 1P
12.00mm Pitch Beau EuroMax Horizontal Plug, 5 Circuits
39500-0005 MOLEX11-39500-0005 Datasheet
40Kb / 1P
3.50mm Pitch Eurostyle Horizontal Plug, 5 Circuits
39510-0005 MOLEX11-39510-0005 Datasheet
43Kb / 1P
3.81mm Pitch Eurostyle Horizontal Plug, 5 Circuits
39530-0005 MOLEX11-39530-0005 Datasheet
44Kb / 1P
5.08mm Pitch Eurostyle Horizontal Plug, 5 Circuits
39532-1005 MOLEX11-39532-1005 Datasheet
44Kb / 1P
5.08mm Pitch Eurostyle Horizontal PCB Header, 5 Circuits
logo
Kendall Howard
1903-1-112-00 KENDALLHOWARD-1903-1-112-00 Datasheet
71Kb / 1P
Bar - 5" Horizontal Lacing (10 PACK)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com