Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EIS-5PV Datasheet (PDF) - AG Electronica

EIS-5PV Datasheet PDF - AG Electronica
Part # EIS-5PV
Download  EIS-5PV Download
File Size   216.64 Kbytes
Page   2 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description POSTE VERTICAL 5 POSICIONES

EIS-5PV Datasheet (PDF)

Go To PDF Page Download Datasheet
EIS-5PV Datasheet PDF - AG Electronica

Part # EIS-5PV
Download  EIS-5PV Click to download

File Size   216.64 Kbytes
Page   2 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description POSTE VERTICAL 5 POSICIONES

EIS-5PV Datasheet (HTML) - AG Electronica


EIS-5PV Product details

Descripción
Poste vertical paso 2.54mm [0.100”]




Similar Part No. - EIS-5PV

ManufacturerPart #DatasheetDescription
logo
AG Electronica
EIS-5PH AGELECTRONICA-EIS-5PH Datasheet
232Kb / 2P
POSTE HORIZONTAL 5 POSICIONES
15/01/2020
EIS-5PR AGELECTRONICA-EIS-5PR Datasheet
53Kb / 1P
Caja receptora paso 2.54mm [.100”].
22/JUL/08
EIS-5PR AGELECTRONICA-EIS-5PR Datasheet
221Kb / 2P
CAJA RECEPTORA 5 POSICIONES
15/01/2020
More results


Similar Description - EIS-5PV

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-521.2PA RECOM-R-521.2PA_07 Datasheet
202Kb / 6P
2, 3, 4, 5 AMP SIP12 Vertical & Horizontal
logo
Molex Electronics Ltd.
0520450545 MOLEX7-0520450545 Datasheet
138Kb / 3P
1.25mm (.049") Vertical, Non-ZIF Receptacle, 5 Circuits
0908582025 MOLEX11-0908582025 Datasheet
1Mb / 9P
5.00mm (.197") Pitch Appli-Mate RAST 5 Header, Vertical, 5 Circuits, Reference K95
0908582015 MOLEX11-0908582015 Datasheet
1Mb / 9P
5.00mm (.197") Pitch Appli-Mate RAST 5 Header, Vertical, 5 Circuits, Reference K46
0908582012 MOLEX11-0908582012 Datasheet
1Mb / 9P
5.00mm (.197") Pitch Appli-Mate RAST 5 Header, Vertical, 5 Circuits, Reference K44
logo
Hammond Manufacturing L...
S2CKS HAMMOND-S2CKS Datasheet
73Kb / 1P
Tablette pour clavier de poste terminal
logo
Molex Electronics Ltd.
39501-1005 MOLEX11-39501-1005 Datasheet
42Kb / 1P
3.50mm Pitch Eurostyle Vertical PCB Header, 5 Circuits
39511-1005 MOLEX11-39511-1005 Datasheet
41Kb / 1P
3.81mm Pitch Eurostyle Vertical PCB Header, 5 Circuits
39531-1005 MOLEX11-39531-1005 Datasheet
41Kb / 1P
5.08mm Pitch Eurostyle Vertical PCB Header, 5 Circuits
logo
Recom International Pow...
R-521.2PA RECOM-R-521.2PA_16 Datasheet
105Kb / 6P
2, 3, 4, 5 AMP SIP12 Vertical & Horizontal
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com