Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFU520 Datasheet (PDF) - Inchange Semiconductor Company Limited

BFU520 Datasheet PDF - Inchange Semiconductor Company Limited
Part # BFU520
Download  BFU520 Download
File Size   255.16 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description NPN Wideband Silicon RF Transistor

BFU520 Datasheet (PDF)

Go To PDF Page Download Datasheet
BFU520 Datasheet PDF - Inchange Semiconductor Company Limited

Part # BFU520
Download  BFU520 Click to download

File Size   255.16 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description NPN Wideband Silicon RF Transistor

BFU520 Datasheet (HTML) - Inchange Semiconductor Company Limited


BFU520 Product details

DESCRIPTION
·Low Noise and High Gain
NF = 1.8 dB TYP
@VCE = 10 V, IC = 10 mA, f = 0.9 GHz
·High Power Gain
MAG = 9 dB TYP.
@VCE = 8 V, IC = 40 mA, f = 1.0 GHz
·Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
· Applications Requiring High Supply Voltages And High Breakdown Voltages
· Low Noise Amplifiers For ISM Applications




Similar Part No. - BFU520

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFU520 NXP-BFU520 Datasheet
309Kb / 22P
NPN wideband silicon RF transistor
Rev. 2 ??5 March 2014
BFU520A NXP-BFU520A Datasheet
299Kb / 22P
NPN wideband silicon RF transistor
Rev. 1 ??13 January 2014
logo
Inchange Semiconductor ...
BFU520A ISC-BFU520A Datasheet
335Kb / 3P
isc NPN Silicon RF Transistor
logo
NXP Semiconductors
BFU520A PHILIPS-BFU520A_15 Datasheet
299Kb / 22P
NPN wideband silicon RF transistor
Rev. 1-13 January 2014
BFU520W NXP-BFU520W Datasheet
302Kb / 22P
NPN wideband silicon RF transistor
Rev. 1 ??13 January 2014
More results


Similar Description - BFU520

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFU610F NXP-BFU610F Datasheet
134Kb / 12P
NPN wideband silicon RF transistor
Rev. 2-11 January 2011
BFU660F NXP-BFU660F Datasheet
131Kb / 12P
NPN wideband silicon RF transistor
Rev. 1-11 January 2011
BFU630F PHILIPS-BFU630F Datasheet
340Kb / 12P
NPN wideband silicon RF transistor
Rev. 1-15 December 2010
BFU530X PHILIPS-BFU530X_15 Datasheet
307Kb / 22P
NPN wideband silicon RF transistor
Rev. 1-5 March 2014
BFU550A PHILIPS-BFU550A_15 Datasheet
300Kb / 22P
NPN wideband silicon RF transistor
Rev. 1-13 January 2014
BFU550W PHILIPS-BFU550W_15 Datasheet
302Kb / 22P
NPN wideband silicon RF transistor
Rev. 1-13 January 2014
BFU590G PHILIPS-BFU590G_15 Datasheet
283Kb / 19P
NPN wideband silicon RF transistor
Rev. 1-28 April 2014
BFU590Q PHILIPS-BFU590Q_15 Datasheet
260Kb / 19P
NPN wideband silicon RF transistor
Rev. 1-28 April 2014
BFU520W PHILIPS-BFU520W_15 Datasheet
302Kb / 22P
NPN wideband silicon RF transistor
Rev. 1-13 January 2014
BFU530XR NXP-BFU530XR Datasheet
316Kb / 22P
NPN wideband silicon RF transistor
Rev. 1 ??5 March 2014
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com