Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1462725 Datasheet (PDF) - PHOENIX CONTACT

1462725 Datasheet PDF - PHOENIX CONTACT
Part # 1462725
Download  1462725 Download
File Size   236.14 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description XT 2,5-QUATTRO-MT - Knife-disconnect terminal block

1462725 Datasheet (PDF)

Go To PDF Page Download Datasheet
1462725 Datasheet PDF - PHOENIX CONTACT

Part # 1462725
Download  1462725 Click to download

File Size   236.14 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description XT 2,5-QUATTRO-MT - Knife-disconnect terminal block

1462725 Datasheet (HTML) - PHOENIX CONTACT


1462725 Product details

Knife-disconnect terminal block, nom. voltage: 500 V, nominal current: 20 A, connection method:
Push-X-connection, Rated cross section: 2.5 mm2, cross section: 0.5 mm2 - 4 mm2, mounting:
NS 35/7,5, NS 35/15, color: gray




Similar Part No. - 1462725

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1462720 PHOENIX-1462720 Datasheet
236Kb / 8P
XT 2,5-TWIN-MT - Knife-disconnect terminal block
1462721 PHOENIX-1462721 Datasheet
239Kb / 8P
XT 2,5-TWIN-MT BU - Knife-disconnect terminal block
1462724 PHOENIX-1462724 Datasheet
238Kb / 9P
XT 2,5-TWIN-TG - Disconnect terminal block
1462726 PHOENIX-1462726 Datasheet
238Kb / 8P
XT 2,5-QUATTRO-MT BU - Knife-disconnect terminal block
1462727 PHOENIX-1462727 Datasheet
237Kb / 9P
XT 2,5-QUATTRO-TG - Disconnect terminal block
More results


Similar Description - 1462725

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3035043 PHOENIX-3035043 Datasheet
61Kb / 4P
Knife disconnect terminal block - ST 2,5-QUATTRO-MT RD
3037834 PHOENIX-3037834 Datasheet
135Kb / 14P
Knife disconnect terminal block - ST 2,5-QUATTRO-MT BU
3037892 PHOENIX-3037892 Datasheet
61Kb / 4P
Knife disconnect terminal block - ST 2,5-QUATTRO-MT OG
3046362 PHOENIX-3046362 Datasheet
67Kb / 6P
Knife disconnect terminal block - UT 2,5-MT
3073050 PHOENIX-3073050 Datasheet
145Kb / 15P
Knife disconnect terminal block - UT 4-QUATTRO-MT BU
3210184 PHOENIX-3210184 Datasheet
204Kb / 26P
Knife disconnect terminal block - PT 2,5-QUATTRO-MTB
3210321 PHOENIX-3210321 Datasheet
67Kb / 5P
Knife disconnect terminal block - PT 1,5/S-QUATTRO-MT
3036356 PHOENIX-3036356 Datasheet
514Kb / 23P
Knife disconnect terminal block - ST 2,5-TWIN-MT
3206487 PHOENIX-3206487 Datasheet
619Kb / 25P
Knife disconnect terminal block - QTC 2,5-MT
3270079 PHOENIX-3270079 Datasheet
547Kb / 25P
Knife disconnect terminal block - PTC 2,5-MT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com