Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1462727 Datasheet (PDF) - PHOENIX CONTACT

1462727 Datasheet PDF - PHOENIX CONTACT
Part # 1462727
Download  1462727 Download
File Size   237.79 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description XT 2,5-QUATTRO-TG - Disconnect terminal block

1462727 Datasheet (PDF)

Go To PDF Page Download Datasheet
1462727 Datasheet PDF - PHOENIX CONTACT

Part # 1462727
Download  1462727 Click to download

File Size   237.79 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description XT 2,5-QUATTRO-TG - Disconnect terminal block

1462727 Datasheet (HTML) - PHOENIX CONTACT


1462727 Product details

Disconnect terminal block, nom. voltage: 500 V, nominal current: 20 A, connection method:
Push-X-connection, Rated cross section: 2.5 mm2, cross section: 0.5 mm2 - 4 mm2, mounting:
NS 35/7,5, NS 35/15, color: gray




Similar Part No. - 1462727

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1462720 PHOENIX-1462720 Datasheet
236Kb / 8P
XT 2,5-TWIN-MT - Knife-disconnect terminal block
1462721 PHOENIX-1462721 Datasheet
239Kb / 8P
XT 2,5-TWIN-MT BU - Knife-disconnect terminal block
1462724 PHOENIX-1462724 Datasheet
238Kb / 9P
XT 2,5-TWIN-TG - Disconnect terminal block
1462725 PHOENIX-1462725 Datasheet
236Kb / 8P
XT 2,5-QUATTRO-MT - Knife-disconnect terminal block
1462726 PHOENIX-1462726 Datasheet
238Kb / 8P
XT 2,5-QUATTRO-MT BU - Knife-disconnect terminal block
More results


Similar Description - 1462727

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3210185 PHOENIX-3210185 Datasheet
116Kb / 7P
PIT 2,5-TG, Disconnect terminal block
3210198 PHOENIX-3210198 Datasheet
123Kb / 7P
PIT 2,5-TWIN-TG, Disconnect terminal block
3064030 PHOENIX-3064030 Datasheet
80Kb / 5P
Disconnect terminal block - UT 4-QUATTRO-TG P/P
3210194 PHOENIX-3210194 Datasheet
96Kb / 7P
Disconnect terminal block - PT 2,5-QUATTRO-TGB
3210326 PHOENIX-3210326 Datasheet
63Kb / 4P
Disconnect terminal block - PT 1,5/S-QUATTRO-TG
3210327 PHOENIX-3210327 Datasheet
63Kb / 4P
Disconnect terminal block - PT 1,5/S-QUATTRO-TG BU
3270094 PHOENIX-3270094 Datasheet
77Kb / 5P
Disconnect terminal block - PTC 2,5-QUATTRO-TG
3270088 PHOENIX-3270088 Datasheet
559Kb / 28P
Disconnect terminal block - PTC 2,5-TG
3035577 PHOENIX-3035577 Datasheet
517Kb / 25P
Disconnect terminal block - ST 2,5-TG BU
3206490 PHOENIX-3206490 Datasheet
614Kb / 27P
Disconnect terminal block - QTC 2,5-TG
09/30/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com