Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F27E62L Datasheet (PDF) - SONiX Technology Company

SN8F27E62L Datasheet PDF - SONiX Technology Company
Part # SN8F27E62L
Download  SN8F27E62L Download
File Size   2956.79 Kbytes
Page   192 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description 8-Bit Flash Micro-Controller with Embedded ICE and ISP

SN8F27E62L Datasheet (PDF)

Go To PDF Page Download Datasheet
SN8F27E62L Datasheet PDF - SONiX Technology Company

Part # SN8F27E62L
Download  SN8F27E62L Click to download

File Size   2956.79 Kbytes
Page   192 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description 8-Bit Flash Micro-Controller with Embedded ICE and ISP

SN8F27E62L Datasheet (HTML) - SONiX Technology Company


SN8F27E62L Product details

1.1 FEATURES
 Memory configuration  Four 8-bit timer. (T0, TC0, TC1, TC2).
Flash ROM size: 6K x 16 bits. Including EEROM T0: Basic timer.
emulation. (In system programming) TC0: Timer/counter/PWM0.
RAM size: 512 x 8 bits. TC1: Timer/counter/PWM1.
 8 levels stack buffer. TC2: Timer/counter/PWM2
 13 interrupt sources  3 channel duty/cycle programmable PWM to
11 internal interrupts: T0, TC0, TC1, TC2, T1, ADC, Generate PWM, Buzzer and IR carrier signals.
SIO, MSP, UTX(UART TX), URX(UART RX), WAKE (PWM0~2).
2 external interrupts: INT0, INT1  One 16-bit timer (T1) with capture timer function.
 Multi-interrupt vector structure.  12-channel 10-bit SAR ADC.
Each of interrupt sources has a unique interrupt vector.  Serial Interface: SIO, UART, MSP
 Build in Embedded ICE function.
 I/O pin configuration  Four system clocks
Bi-directional: P0, P1, P4, P5. External high clock: RC type up to 10MHz
Wakeup: P0, P1 level change. External high clock: Crystal type up to 16MHz
Pull-up resisters: P0, P1, P4, P5. Internal high clock: RC type 16MHz
External interrupt: P0.0, P0.1 Internal low clock: RC type 16KHz
ADC input pin: AIN0~AIN11.  Four operating modes
Normal mode: Both high and low clock active
 Fcpu (Instruction cycle) Slow mode: Low clock only
Fcpu = Fhosc/1, Fhosc/2, Fhosc/4, Fhosc/8, Fhosc/16, Sleep mode: Both high and low clock stop
Fhosc/32, Fhosc/64, Fhosc/128 Green mode: Periodical wakeup by timer
 On chip watchdog timer and clock source  Package (Chip form support)
 1.8V/2.4V/3.3V 3-level LVD with trim. PDIP 32 pin
LQFP 32 pin
 Powerful instructions QFN 32 pin
Instruction’s length is one word. SDIP 32 pin
Most of instructions are one cycle only. SKDIP 28 pin
All ROM area JMP instruction. SOP 28 pin
All ROM area lookup table function (MOVC). SSOP 28 pin
QFN 28 pin
DIP 20 pin
SOP 20 pin




Similar Part No. - SN8F27E62L

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN8F2250B SONIX-SN8F2250B Datasheet
1Mb / 133P
8-Bit Micro-Controller
SN8F22511B SONIX-SN8F22511B Datasheet
1Mb / 133P
8-Bit Micro-Controller
SN8F2251B SONIX-SN8F2251B Datasheet
1Mb / 133P
8-Bit Micro-Controller
SN8F22521B SONIX-SN8F22521B Datasheet
1Mb / 133P
8-Bit Micro-Controller
SN8F22531B SONIX-SN8F22531B Datasheet
1Mb / 133P
8-Bit Micro-Controller
More results


Similar Description - SN8F27E62L

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
APU8951 APLUS-APU8951 Datasheet
544Kb / 15P
8-BIT MICRO CONTROLLER WITH 4/8KB FLASH EMBEDDED
logo
SyncMOS Technologies,In...
SM8958 SYNCMOS-SM8958 Datasheet
445Kb / 19P
8-bit Micro-controller with 32K Flash embedded
SM8951A SYNCMOS-SM8951A Datasheet
393Kb / 17P
8 - Bit Micro-controller with 4/8KB flash embedded
SM8958A SYNCMOS-SM8958A Datasheet
509Kb / 25P
8 - Bit Micro-controller with 32KB flash & 1KB RAM embedded
SM89516L SYNCMOS-SM89516L Datasheet
436Kb / 19P
8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
logo
List of Unclassifed Man...
MTV230M64 ETC1-MTV230M64 Datasheet
404Kb / 31P
8051 Embedded Micro Controller with Flash OSD and ISP
logo
SyncMOS Technologies,In...
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
SM5964A SYNCMOS-SM5964A Datasheet
885Kb / 30P
8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
SM79164 SYNCMOS-SM79164 Datasheet
453Kb / 25P
8 - Bit Micro-controller with 64KB flash & 4KB RAM embedded
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com