Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3906 Datasheet (PDF) - Pan Jit International Inc.

2N3906 Datasheet PDF - Pan Jit International Inc.
Part # 2N3906
Download  2N3906 Download
File Size   157.84 Kbytes
Page   4 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description PNP GENERAL PURPOSE SWITCHING TRANSISTOR

2N3906 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N3906 Datasheet PDF - Pan Jit International Inc.

Part # 2N3906
Download  2N3906 Click to download

File Size   157.84 Kbytes
Page   4 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description PNP GENERAL PURPOSE SWITCHING TRANSISTOR

2N3906 Datasheet (HTML) - Pan Jit International Inc.


2N3906 Product details

VOLTAGE 40 Volts POWER 625 mWatts

FEATURES
• PNP epitaxial silicon, planar design
• Collector-emitter voltage VCE = 40V
• Collector current IC = -200mA
• Pb free product are available :99% Sn above can meet RoHS environment substance directive request




Similar Part No. - 2N3906

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N3906 ONSEMI-2N3906 Datasheet
145Kb / 6P
General Purpose Transistors(PNP Silicon)
1996 REV 2
logo
NXP Semiconductors
2N3906 PHILIPS-2N3906 Datasheet
46Kb / 8P
PNP switching transistor
1999 Apr 23
logo
Transys Electronics
2N3906 TRSYS-2N3906 Datasheet
304Kb / 3P
PNP SMALL SIGNAL TRANSISTOR
logo
Rohm
2N3906 ROHM-2N3906 Datasheet
169Kb / 4P
PNP General Purpose Transistor
logo
Semtech Corporation
2N3906 SEMTECH-2N3906 Datasheet
171Kb / 3P
NPN Silicon Expitaxial Planar Transistor for switching and amplifier applications?
More results


Similar Description - 2N3906

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBT2907A PANJIT-MMBT2907A Datasheet
874Kb / 5P
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3906W PANJIT-MMBT3906W Datasheet
115Kb / 4P
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT2907AW PANJIT-MMBT2907AW Datasheet
159Kb / 5P
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3906 PANJIT-MMBT3906_08 Datasheet
164Kb / 4P
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3906W PANJIT-MMBT3906W_10 Datasheet
128Kb / 4P
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT4403W PANJIT-MMBT4403W_09 Datasheet
273Kb / 4P
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3906-AU PANJIT-MMBT3906-AU Datasheet
312Kb / 6P
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
2SB2907 PANJIT-2SB2907 Datasheet
716Kb / 7P
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
logo
Diotech Company.
MMBT3906 DIOTECH-MMBT3906 Datasheet
2Mb / 5P
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
logo
Pan Jit International I...
MMBT3906TB PANJIT-MMBT3906TB Datasheet
479Kb / 5P
PNP General Purpose Switching Transistor
August 10,2022 MMBT3906TB-REV.01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com