Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT3906W Datasheet (PDF) - Pan Jit International Inc.

MMBT3906W Datasheet PDF - Pan Jit International Inc.
Part # MMBT3906W
Download  MMBT3906W Download
File Size   115.33 Kbytes
Page   4 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description PNP GENERAL PURPOSE SWITCHING TRANSISTOR

MMBT3906W Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBT3906W Datasheet PDF - Pan Jit International Inc.

Part # MMBT3906W
Download  MMBT3906W Click to download

File Size   115.33 Kbytes
Page   4 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description PNP GENERAL PURPOSE SWITCHING TRANSISTOR

MMBT3906W Datasheet (HTML) - Pan Jit International Inc.


MMBT3906W Product details

VOLTAGE 40 Volts POWER 150 mWatts



FEATURES

• PNP epitaxial silicon, planar design

• Collector-emitter voltage VCE = -40V

• Collector current IC = -200mA

• Both normal and Pb free product are available :

   Normal : 80~95% Sn, 5~20% Pb

   Pb free: 98.5% Sn above



 




Similar Part No. - MMBT3906W

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MMBT3906W WEITRON-MMBT3906W Datasheet
284Kb / 6P
General Purpose Transistor PNP Silicon
logo
Guangdong Kexin Industr...
MMBT3906W KEXIN-MMBT3906W Datasheet
52Kb / 2P
General Purpose Transistor
logo
SeCoS Halbleitertechnol...
MMBT3906W SECOS-MMBT3906W Datasheet
449Kb / 5P
General Purpose Transistor
logo
Foshan Blue Rocket Elec...
MMBT3906W FOSHAN-MMBT3906W Datasheet
847Kb / 7P
Silicon PNP transistor in a SOT-323 Plastic Package
logo
DONGGUAN YOU FENG WEI E...
MMBT3906W YFWDIODE-MMBT3906W Datasheet
662Kb / 4P
PNP Transistor
More results


Similar Description - MMBT3906W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
2N3906 PANJIT-2N3906 Datasheet
157Kb / 4P
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT2907A PANJIT-MMBT2907A Datasheet
874Kb / 5P
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT2907AW PANJIT-MMBT2907AW Datasheet
159Kb / 5P
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3906 PANJIT-MMBT3906_08 Datasheet
164Kb / 4P
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3906W PANJIT-MMBT3906W_10 Datasheet
128Kb / 4P
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT4403W PANJIT-MMBT4403W_09 Datasheet
273Kb / 4P
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3906-AU PANJIT-MMBT3906-AU Datasheet
312Kb / 6P
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
2SB2907 PANJIT-2SB2907 Datasheet
716Kb / 7P
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
logo
Diotech Company.
MMBT3906 DIOTECH-MMBT3906 Datasheet
2Mb / 5P
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
logo
Pan Jit International I...
MMBT3906TB PANJIT-MMBT3906TB Datasheet
479Kb / 5P
PNP General Purpose Switching Transistor
August 10,2022 MMBT3906TB-REV.01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com