Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N4401 Datasheet (PDF) - Pan Jit International Inc.

2N4401 Datasheet PDF - Pan Jit International Inc.
Part # 2N4401
Download  2N4401 Download
File Size   202.48 Kbytes
Page   4 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description NPN GENERAL PURPOSE SWITCHING TRANSISTOR

2N4401 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N4401 Datasheet PDF - Pan Jit International Inc.

Part # 2N4401
Download  2N4401 Click to download

File Size   202.48 Kbytes
Page   4 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description NPN GENERAL PURPOSE SWITCHING TRANSISTOR

2N4401 Datasheet (HTML) - Pan Jit International Inc.


2N4401 Product details

VOLTAGE 40 Volts POWER 625 mWatts



FEATURES

• NPN epitaxial silicon, planar design

• Collector-emitter voltage VCE = 40V

• Collector current IC = 600mA

• Complimentary (PNP) device:2N4403

• Pb free product are available :99% Sn above can meet RoHS environment substance directive request



 




Similar Part No. - 2N4401

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4401 ONSEMI-2N4401 Datasheet
303Kb / 6P
General Purpose Transistors(NPN Silicon)
1996 REV 1
logo
NXP Semiconductors
2N4401 PHILIPS-2N4401 Datasheet
46Kb / 8P
NPN switching transistor
1999 Apr 23
logo
Rohm
2N4401 ROHM-2N4401 Datasheet
80Kb / 3P
NPN Medium Power Transistor
logo
Semtech Corporation
2N4401 SEMTECH-2N4401 Datasheet
209Kb / 3P
NPN EXPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
2N4401 FAIRCHILD-2N4401 Datasheet
29Kb / 2P
NPN General Purpose Amplifier
More results


Similar Description - 2N4401

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBT2222AW PANJIT-MMBT2222AW Datasheet
97Kb / 4P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT2369A PANJIT-MMBT2369A Datasheet
167Kb / 4P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3904W PANJIT-MMBT3904W Datasheet
102Kb / 4P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT4401 PANJIT-MMBT4401 Datasheet
90Kb / 3P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT4401W PANJIT-MMBT4401W Datasheet
887Kb / 3P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3904-AU PANJIT-MMBT3904-AU Datasheet
417Kb / 6P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
logo
Compact Technology Corp...
MMBT2222A CTC-MMBT2222A Datasheet
78Kb / 4P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
logo
Pan Jit International I...
2N3904N PANJIT-2N3904N_15 Datasheet
393Kb / 6P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
2SC2222H PANJIT-2SC2222H Datasheet
371Kb / 5P
NPN General Purpose Switching Transistor
2SC2411K-AU PANJIT-2SC2411K-AU Datasheet
298Kb / 6P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
November 16,2013-REV.02
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com