Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT2369A Datasheet (PDF) - Pan Jit International Inc.

MMBT2369A Datasheet PDF - Pan Jit International Inc.
Part # MMBT2369A
Download  MMBT2369A Download
File Size   167.88 Kbytes
Page   4 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description NPN GENERAL PURPOSE SWITCHING TRANSISTOR

MMBT2369A Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBT2369A Datasheet PDF - Pan Jit International Inc.

Part # MMBT2369A
Download  MMBT2369A Click to download

File Size   167.88 Kbytes
Page   4 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description NPN GENERAL PURPOSE SWITCHING TRANSISTOR

MMBT2369A Datasheet (HTML) - Pan Jit International Inc.


MMBT2369A Product details

VOLTAGE 15 Volts POWER 225 mWatts

FEATURES
• NPN epitaxial silicon, planar design
• Collector-emitter voltage VCE = 15V
• Collector current IC = 200mA
• In compliance with EU RoHS 2002/95/EC directives

MECHANICAL DATA
• Case: SOT-23, Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Approx. Weight: 0.008 gram
• Marking: M3B




Similar Part No. - MMBT2369A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMBT2369A FAIRCHILD-MMBT2369A Datasheet
198Kb / 6P
NPN Switching Transistor
MMBT2369A FAIRCHILD-MMBT2369A Datasheet
520Kb / 14P
NPN Switching Transistor
logo
Diotec Semiconductor
MMBT2369A DIOTEC-MMBT2369A Datasheet
98Kb / 2P
Surface Mount Si-Epi-Planar Switching Transistors
logo
Galaxy Semi-Conductor H...
MMBT2369A BILIN-MMBT2369A Datasheet
165Kb / 3P
NPN General Purpose Amplifier
logo
SEMTECH ELECTRONICS LTD...
MMBT2369A SEMTECH_ELEC-MMBT2369A Datasheet
182Kb / 3P
NPN Silicon Switching Transistor
More results


Similar Description - MMBT2369A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
2N4401 PANJIT-2N4401 Datasheet
202Kb / 4P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT2222AW PANJIT-MMBT2222AW Datasheet
97Kb / 4P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3904W PANJIT-MMBT3904W Datasheet
102Kb / 4P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT4401 PANJIT-MMBT4401 Datasheet
90Kb / 3P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT4401W PANJIT-MMBT4401W Datasheet
887Kb / 3P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3904-AU PANJIT-MMBT3904-AU Datasheet
417Kb / 6P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
logo
Compact Technology Corp...
MMBT2222A CTC-MMBT2222A Datasheet
78Kb / 4P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
logo
Pan Jit International I...
2N3904N PANJIT-2N3904N_15 Datasheet
393Kb / 6P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
2SC2222H PANJIT-2SC2222H Datasheet
371Kb / 5P
NPN General Purpose Switching Transistor
2SC2411K-AU PANJIT-2SC2411K-AU Datasheet
298Kb / 6P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
November 16,2013-REV.02
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com