Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UB3803X Datasheet (PDF) - STANLEY ELECTRIC CO.,LTD.

UB3803X Datasheet PDF - STANLEY ELECTRIC CO.,LTD.
Part # UB3803X
Download  UB3803X Download
File Size   316.85 Kbytes
Page   24 Pages
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.
Description Single Color ?3 Flush Mount Round Shape Type

UB3803X Datasheet (PDF)

Go To PDF Page Download Datasheet
UB3803X Datasheet PDF - STANLEY ELECTRIC CO.,LTD.

Part # UB3803X
Download  UB3803X Click to download

File Size   316.85 Kbytes
Page   24 Pages
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.
Description Single Color ?3 Flush Mount Round Shape Type

UB3803X Datasheet (HTML) - STANLEY ELECTRIC CO.,LTD.


UB3803X Product details

Features
Product features
• Outer Dimension φ 3 Round shape type
• Operation temperature range.
    Storage Temperature :-40℃~ 100℃
    Operating Temperature :-40℃~ 85℃
• Lead–free soldering compatible
• RoHS compliant




Similar Part No. - UB3803X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UB3804X ETC1-UB3804X Datasheet
304Kb / 24P
Single Color PI 3 Flush Mount Round Shape Type
logo
STANLEY ELECTRIC CO.,LT...
UB3804X STANLEY-UB3804X Datasheet
332Kb / 24P
Single Color ?3 Flush Mount Round Shape Type
More results


Similar Description - UB3803X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UC3804X ETC1-UC3804X Datasheet
304Kb / 24P
Single Color PI 3 Flush Mount Round Shape Type
5307S ETC2-5307S Datasheet
426Kb / 33P
Single Color ?5 Flush Mount Round Shape Type
logo
STANLEY ELECTRIC CO.,LT...
MBG3864K STANLEY-MBG3864K Datasheet
413Kb / 33P
Single Color Flush Mount Round Shape Type
MBG3874K STANLEY-MBG3874K Datasheet
413Kb / 33P
Single Color Flush Mount Round Shape Type
KR3803X STANLEY-KR3803X Datasheet
181Kb / 12P
Single Color ?3 Flush Mount Round Shape Type
KR3804X STANLEY-KR3804X Datasheet
180Kb / 12P
Single Color ?3 Flush Mount Round Shape Type
KR5805S STANLEY-KR5805S Datasheet
188Kb / 12P
Single Color ?5 Flush Mount Round Shape Type
UB3804X STANLEY-UB3804X Datasheet
332Kb / 24P
Single Color ?3 Flush Mount Round Shape Type
WR5805S STANLEY-WR5805S Datasheet
131Kb / 10P
Single Color 5 Flush Mount Round Shape Type
WR5805S STANLEY-WR5805S_10 Datasheet
131Kb / 10P
Single Color ?5 Flush Mount Round Shape Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com