Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UB3804X Datasheet (PDF) - STANLEY ELECTRIC CO.,LTD.

UB3804X Datasheet PDF - STANLEY ELECTRIC CO.,LTD.
Part # UB3804X
Download  UB3804X Download
File Size   332.06 Kbytes
Page   24 Pages
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.
Description Single Color ?3 Flush Mount Round Shape Type

UB3804X Datasheet (PDF)

Go To PDF Page Download Datasheet
UB3804X Datasheet PDF - STANLEY ELECTRIC CO.,LTD.

Part # UB3804X
Download  UB3804X Click to download

File Size   332.06 Kbytes
Page   24 Pages
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.
Description Single Color ?3 Flush Mount Round Shape Type

UB3804X Datasheet (HTML) - STANLEY ELECTRIC CO.,LTD.


UB3804X Product details

Single Color φ3 Flush Mount Round Shape Type



Features

Package                                      φ3 Round shape type,

                                                UB,UC,UG : Water Clear epoxy

                                                UY : Pale Yellow Clear epoxy

                                                UR : Pale Red Clear epoxy

Product features                          ・Outer Dimension φ3 Round shape type

                                               ・Operation temperature range.

                                                  Storage Temperature :-40℃~100℃

                                                  Operating Temperature :-40℃~85℃

                                               ・Lead–free soldering compatible

                                               ・RoHS compliant

Dominant wavelength                   Blue : 470nm (UB)

                                               Blue Green : 505nm (UC)

                                               Green : 525nm (UG)

                                               Yellow : 590nm (UY)

                                               Red : 626nm (UR)

Half Intensity Angle                      UB,UC,UG : 56 deg.

                                               UY,UR : 66 deg.

Die materials                              UB,UC,UG : InGaN, UY,UR : AlGaInP

Rank grouping parameter             Sorted by luminous intensity per rank taping 

Soldering methods                      TTW (Through The Wave) soldering and manual soldering

ESD                                          InGaN : Less than 1kV(HBM), AlGaInP : More than 2kV(HBM)

Packing                                     Bulk : 200pcs(MIN.)



Recommended Applications

Amusement Equipment, Electric Household Appliances, OA/FA, Other General Applications




Similar Part No. - UB3804X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UB3804X ETC1-UB3804X Datasheet
304Kb / 24P
Single Color PI 3 Flush Mount Round Shape Type
More results


Similar Description - UB3804X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UC3804X ETC1-UC3804X Datasheet
304Kb / 24P
Single Color PI 3 Flush Mount Round Shape Type
5307S ETC2-5307S Datasheet
426Kb / 33P
Single Color ?5 Flush Mount Round Shape Type
logo
STANLEY ELECTRIC CO.,LT...
MBG3864K STANLEY-MBG3864K Datasheet
413Kb / 33P
Single Color Flush Mount Round Shape Type
MBG3874K STANLEY-MBG3874K Datasheet
413Kb / 33P
Single Color Flush Mount Round Shape Type
KR3803X STANLEY-KR3803X Datasheet
181Kb / 12P
Single Color ?3 Flush Mount Round Shape Type
KR3804X STANLEY-KR3804X Datasheet
180Kb / 12P
Single Color ?3 Flush Mount Round Shape Type
KR5805S STANLEY-KR5805S Datasheet
188Kb / 12P
Single Color ?5 Flush Mount Round Shape Type
UB3803X STANLEY-UB3803X Datasheet
316Kb / 24P
Single Color ?3 Flush Mount Round Shape Type
WR5805S STANLEY-WR5805S Datasheet
131Kb / 10P
Single Color 5 Flush Mount Round Shape Type
WR5805S STANLEY-WR5805S_10 Datasheet
131Kb / 10P
Single Color ?5 Flush Mount Round Shape Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com