Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KW1148C Datasheet (PDF) - STANLEY ELECTRIC CO.,LTD.

KW1148C Datasheet PDF - STANLEY ELECTRIC CO.,LTD.
Part # KW1148C
Download  KW1148C Download
File Size   293.47 Kbytes
Page   13 Pages
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.
Description 1608 (h=0.35 mm) Type White LED

KW1148C Datasheet (PDF)

Go To PDF Page Download Datasheet
KW1148C Datasheet PDF - STANLEY ELECTRIC CO.,LTD.

Part # KW1148C
Download  KW1148C Click to download

File Size   293.47 Kbytes
Page   13 Pages
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.
Description 1608 (h=0.35 mm) Type White LED

KW1148C Datasheet (HTML) - STANLEY ELECTRIC CO.,LTD.




Similar Part No. - KW1148C

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
KW11GY05PDL0300HG JAE-KW11GY05PDL0300HG Datasheet
75Kb / 2P
Electric vehicle quick charger connector , Compliant with the CCS Type-1 EV Fast Charging Standard, 200A , UL and cUL recognized , Cable Length:3,000 mm
KW11GY05PDL0300PG JAE-KW11GY05PDL0300PG Datasheet
75Kb / 2P
Electric vehicle quick charger connector , Compliant with the CCS Type-1 EV Fast Charging Standard, 150 A , UL and cUL recognized , Cable Length:3,000 mm
KW11GY05PDL0350HG JAE-KW11GY05PDL0350HG Datasheet
75Kb / 2P
Electric vehicle quick charger connector , Compliant with the CCS Type-1 EV Fast Charging Standard, 200A , UL and cUL recognized , Cable Length:3,500 mm
KW11GY05PDL0350PG JAE-KW11GY05PDL0350PG Datasheet
75Kb / 2P
Electric vehicle quick charger connector , Compliant with the CCS Type-1 EV Fast Charging Standard, 150 A , UL and cUL recognized , Cable Length:3,500 mm
KW11GY05PDL0400HG JAE-KW11GY05PDL0400HG Datasheet
75Kb / 2P
Electric vehicle quick charger connector , Compliant with the CCS Type-1 EV Fast Charging Standard, 200A , UL and cUL recognized , Cable Length:4,000 mm
More results


Similar Description - KW1148C

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
YPY1114C-0005 STANLEY-YPY1114C-0005 Datasheet
264Kb / 14P
Single Color 1608 (h=0.4 mm) Type
UB1114C-0005 STANLEY-UB1114C-0005 Datasheet
326Kb / 17P
Single Color 1608 (h=0.4 mm) Type
KW1305A STANLEY-KW1305A Datasheet
295Kb / 13P
3.5 x 3.5 mm (h=1.6 mm) Type White LED
SB1118C-0002 STANLEY-SB1118C-0002 Datasheet
250Kb / 14P
Single Color 1608 (h=0.35 mm) Type
1141C STANLEY-1141C Datasheet
288Kb / 15P
1608 (h=0.7 mm) Type White LED
SW1142P STANLEY-SW1142P Datasheet
163Kb / 12P
1608 (h=0.20mm) Type White LED
SW1148C STANLEY-SW1148C Datasheet
280Kb / 14P
1608 (h=0.35 mm) Type White LED
SW1305A STANLEY-SW1305A Datasheet
311Kb / 14P
3.5 x 3.5 mm (h=1.6 mm) Type White LED
SW1141CX STANLEY-SW1141CX Datasheet
281Kb / 11P
1608 (h=0.70mm) Type White LED RoHS compliant
FY1111C-TR STANLEY-FY1111C-TR Datasheet
374Kb / 20P
1608 (h=0.7mm) Type, Milky White resin
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com