Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1141C Datasheet (PDF) - STANLEY ELECTRIC CO.,LTD.

1141C Datasheet PDF - STANLEY ELECTRIC CO.,LTD.
Part # 1141C
Download  1141C Download
File Size   288.04 Kbytes
Page   15 Pages
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.
Description 1608 (h=0.7 mm) Type White LED

1141C Datasheet (PDF)

Go To PDF Page Download Datasheet
1141C Datasheet PDF - STANLEY ELECTRIC CO.,LTD.

Part # 1141C
Download  1141C Click to download

File Size   288.04 Kbytes
Page   15 Pages
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.
Description 1608 (h=0.7 mm) Type White LED

1141C Datasheet (HTML) - STANLEY ELECTRIC CO.,LTD.




Similar Part No. - 1141C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1141 ETC1-1141 Datasheet
89Kb / 1P
36 way Centronics Cables
logo
Ashcroft, Inc.
1141 ASHCROFT-1141 Datasheet
1Mb / 3P
1141 Differential Pressure Gauge
RevC_Ltr_01-20
logo
HellermannTyton.
1141-1-G HELLERMANNTYTON-1141-1-G Datasheet
2Mb / 70P
NorthAmericanProductGuide
1141-4-GP HELLERMANNTYTON-1141-4-GP Datasheet
2Mb / 70P
NorthAmericanProductGuide
logo
Weidmuller
1141000000 WEIDMULLER-1141000000 Datasheet
332Kb / 4P
SL 7.62HP/04/180F 3.2 SN OR BX
More results


Similar Description - 1141C

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
YPY1114C-0005 STANLEY-YPY1114C-0005 Datasheet
264Kb / 14P
Single Color 1608 (h=0.4 mm) Type
UB1114C-0005 STANLEY-UB1114C-0005 Datasheet
326Kb / 17P
Single Color 1608 (h=0.4 mm) Type
KW1148C STANLEY-KW1148C Datasheet
293Kb / 13P
1608 (h=0.35 mm) Type White LED
SB1118C-0002 STANLEY-SB1118C-0002 Datasheet
250Kb / 14P
Single Color 1608 (h=0.35 mm) Type
SW1142P STANLEY-SW1142P Datasheet
163Kb / 12P
1608 (h=0.20mm) Type White LED
SW1148C STANLEY-SW1148C Datasheet
280Kb / 14P
1608 (h=0.35 mm) Type White LED
DNK1111C STANLEY-DNK1111C Datasheet
286Kb / 17P
Surface Mount IRED/1608 ( t = 0.7 mm) Type
SW1141CX STANLEY-SW1141CX Datasheet
281Kb / 11P
1608 (h=0.70mm) Type White LED RoHS compliant
FY1111C-TR STANLEY-FY1111C-TR Datasheet
374Kb / 20P
1608 (h=0.7mm) Type, Milky White resin
DNK1111C STANLEY-DNK1111C_12 Datasheet
505Kb / 14P
Surface Mount IRED/1608 ( t = 0.7 mm) Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com