Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV199LT1 Datasheet (PDF) - TRANSYS Electronics Limited

BAV199LT1 Datasheet PDF - TRANSYS Electronics Limited
Part # BAV199LT1
Download  BAV199LT1 Download
File Size   62.2 Kbytes
Page   1 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description Plastic-Encapsulated Diodes

BAV199LT1 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAV199LT1 Datasheet PDF - TRANSYS Electronics Limited

Part # BAV199LT1
Download  BAV199LT1 Click to download

File Size   62.2 Kbytes
Page   1 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description Plastic-Encapsulated Diodes

BAV199LT1 Datasheet (HTML) - TRANSYS Electronics Limited


BAV199LT1 Product details

SWITCHING DIODE

FEATURES
    Power dissipation PD: 225 mW (Tamb=25℃)
    Forward Current IF: 215 mA
    Reverse Voltage VR: 70 V
    Operating and storage junction temperature range TJ, Tstg: -55℃ to +150℃




Similar Part No. - BAV199LT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAV199LT1 ONSEMI-BAV199LT1 Datasheet
66Kb / 4P
Dual Series Switching Diode
1997 REV 1
BAV199LT1 ONSEMI-BAV199LT1 Datasheet
51Kb / 3P
Dual Series Switching Diode
March, 2006 ??Rev. 5
BAV199LT1 ONSEMI-BAV199LT1 Datasheet
119Kb / 3P
Dual Series Switching Diode
August, 2009 ??Rev. 6
BAV199LT1D ONSEMI-BAV199LT1D Datasheet
119Kb / 3P
Dual Series Switching Diode
August, 2009 ??Rev. 6
BAV199LT1G ONSEMI-BAV199LT1G Datasheet
51Kb / 3P
Dual Series Switching Diode
March, 2006 ??Rev. 5
More results


Similar Description - BAV199LT1

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
1SS187 TEL-1SS187 Datasheet
68Kb / 1P
Plastic-Encapsulated Diodes
1SS422 TEL-1SS422 Datasheet
100Kb / 2P
Plastic-Encapsulated Diodes
BAS16LT1 TEL-BAS16LT1 Datasheet
61Kb / 1P
Plastic-Encapsulated Diodes
BAS16T TEL-BAS16T Datasheet
74Kb / 2P
Plastic-Encapsulated Diodes
BAS19LT1 TEL-BAS19LT1 Datasheet
61Kb / 1P
Plastic-Encapsulated Diodes
BAS516 TEL-BAS516 Datasheet
105Kb / 1P
Plastic-Encapsulated Diodes
BAV70LT1 TEL-BAV70LT1 Datasheet
102Kb / 1P
Plastic-Encapsulated Diodes
MC2836 TEL-MC2836 Datasheet
61Kb / 1P
Plastic-Encapsulated Diodes
MMBD914LT1 TEL-MMBD914LT1 Datasheet
102Kb / 1P
Plastic-Encapsulated Diodes
MMBD4148A TEL-MMBD4148A Datasheet
103Kb / 1P
Plastic-Encapsulated Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com