Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC2836 Datasheet (PDF) - TRANSYS Electronics Limited

MC2836 Datasheet PDF - TRANSYS Electronics Limited
Part # MC2836
Download  MC2836 Download
File Size   61.4 Kbytes
Page   1 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description Plastic-Encapsulated Diodes

MC2836 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC2836 Datasheet PDF - TRANSYS Electronics Limited

Part # MC2836
Download  MC2836 Click to download

File Size   61.4 Kbytes
Page   1 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description Plastic-Encapsulated Diodes

MC2836 Datasheet (HTML) - TRANSYS Electronics Limited


MC2836 Product details

SWITCHING DIODE

FEATURES
    Power dissipation PD: 150 mW (Tamb=25℃)
    Forward Current IF: 300 m A
    Reverse Voltage VR: 50 V
    Operating and storage junction temperature range TJ, Tstg: -55℃ to +150℃




Similar Part No. - MC2836

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC2836 ETC-MC2836 Datasheet
60Kb / 1P
SOT-23 Plastic-Encapsulated Diodes
logo
Isahaya Electronics Cor...
MC2836 ISAHAYA-MC2836 Datasheet
239Kb / 4P
SMALL-SIGNAL DIODE
MC2836 ISAHAYA-MC2836 Datasheet
266Kb / 3P
FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE
logo
Jiangsu Changjiang Elec...
MC2836 JIANGSU-MC2836 Datasheet
3Mb / 4P
SWITCHING DIODE
logo
Shunxin Technology Co.,...
MC2836 SXSEMI-MC2836 Datasheet
558Kb / 3P
SWITCHING DIODE
More results


Similar Description - MC2836

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
1SS187 TEL-1SS187 Datasheet
68Kb / 1P
Plastic-Encapsulated Diodes
1SS422 TEL-1SS422 Datasheet
100Kb / 2P
Plastic-Encapsulated Diodes
BAS16LT1 TEL-BAS16LT1 Datasheet
61Kb / 1P
Plastic-Encapsulated Diodes
BAS16T TEL-BAS16T Datasheet
74Kb / 2P
Plastic-Encapsulated Diodes
BAS19LT1 TEL-BAS19LT1 Datasheet
61Kb / 1P
Plastic-Encapsulated Diodes
BAS516 TEL-BAS516 Datasheet
105Kb / 1P
Plastic-Encapsulated Diodes
BAV70LT1 TEL-BAV70LT1 Datasheet
102Kb / 1P
Plastic-Encapsulated Diodes
BAV199LT1 TEL-BAV199LT1 Datasheet
62Kb / 1P
Plastic-Encapsulated Diodes
MMBD914LT1 TEL-MMBD914LT1 Datasheet
102Kb / 1P
Plastic-Encapsulated Diodes
MMBD4148A TEL-MMBD4148A Datasheet
103Kb / 1P
Plastic-Encapsulated Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com