Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC2836 Datasheet (PDF) - List of Unclassifed Manufacturers

MC2836 Datasheet PDF - List of Unclassifed Manufacturers
Part # MC2836
Download  MC2836 Download
File Size   60.88 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description SOT-23 Plastic-Encapsulated Diodes

MC2836 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC2836 Datasheet PDF - List of Unclassifed Manufacturers

Part # MC2836
Download  MC2836 Click to download

File Size   60.88 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description SOT-23 Plastic-Encapsulated Diodes

MC2836 Datasheet (HTML) - List of Unclassifed Manufacturers


MC2836 Product details

[TEL]

SWITCHING DIODE

FEATURES
    Power dissipation PD: 150 mW (Tamb=25℃)
    Forward Current IF: 300 m A
    Reverse Voltage VR: 50 V
    Operating and storage junction temperature range TJ, Tstg: -55℃ to +150℃




Similar Part No. - MC2836

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
MC2836 TEL-MC2836 Datasheet
61Kb / 1P
Plastic-Encapsulated Diodes
logo
Isahaya Electronics Cor...
MC2836 ISAHAYA-MC2836 Datasheet
239Kb / 4P
SMALL-SIGNAL DIODE
MC2836 ISAHAYA-MC2836 Datasheet
266Kb / 3P
FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE
logo
Jiangsu Changjiang Elec...
MC2836 JIANGSU-MC2836 Datasheet
3Mb / 4P
SWITCHING DIODE
logo
Shunxin Technology Co.,...
MC2836 SXSEMI-MC2836 Datasheet
558Kb / 3P
SWITCHING DIODE
More results


Similar Description - MC2836

ManufacturerPart #DatasheetDescription
logo
Kwang Myoung I.S. CO.,L...
1SS184 KISEMICONDUCTOR-1SS184 Datasheet
68Kb / 1P
SOT-23 Plastic-Encapsulate Diodes
1SS196 KISEMICONDUCTOR-1SS196 Datasheet
60Kb / 1P
SOT-23 Plastic-Encapsulate Diodes
logo
SHENZHEN YONGERJIA INDU...
BAV70LT1 WINNERJOIN-BAV70LT1 Datasheet
223Kb / 2P
SOT-23 Plastic-Encapsulate Diodes
logo
Nanjing International G...
BAT54C-200MA-SOT-23 DGNJDZ-BAT54C-200MA-SOT-23 Datasheet
608Kb / 2P
SOT-23 Plastic-Encapsulate Diodes
BAV23A-400MA-SOT-23 DGNJDZ-BAV23A-400MA-SOT-23 Datasheet
319Kb / 1P
SOT-23 Plastic-Encapsulate Diodes
logo
Jiangsu High diode Semi...
1SS196 HDSEMI-1SS196 Datasheet
1Mb / 4P
SOT-23 Plastic-Encapsulate Diodes
1SS184 HDSEMI-1SS184 Datasheet
2Mb / 4P
SOT-23 Plastic-Encapsulate Diodes
1SS187 HDSEMI-1SS187 Datasheet
2Mb / 4P
SOT-23 Plastic-Encapsulate Diodes
BAS116 HDSEMI-BAS116 Datasheet
2Mb / 4P
SOT-23 Plastic-Encapsulate Diodes
BAT54 HDSEMI-BAT54 Datasheet
2Mb / 4P
SOT-23 Plastic-Encapsulate Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com