Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2202570 Datasheet (PDF) - PHOENIX CONTACT

2202570 Datasheet PDF - PHOENIX CONTACT
Part # 2202570
Download  2202570 Download
File Size   744.96 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description HSCP-SP 2,5-1U4-66/66-7035 - PCB connector

2202570 Datasheet (PDF)

Go To PDF Page Download Datasheet
2202570 Datasheet PDF - PHOENIX CONTACT

Part # 2202570
Download  2202570 Click to download

File Size   744.96 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description HSCP-SP 2,5-1U4-66/66-7035 - PCB connector

2202570 Datasheet (HTML) - PHOENIX CONTACT


2202570 Product details

PCB connector, nominal cross section: 2.5 mm2, color: light gray, nominal current: 8 A, rated
voltage (III/2): 320 V, contact surface: Sn, contact connection type: Socket, number of potentials:
4, number of rows: 2, number of positions: 4, number of connections: 4, product range: HSCPSP
2,5-.., pitch: 5 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, locking clip: - Locking clip, plug-in system: HSC 2,5, locking: without,
mounting method: without, type of packaging: packed in cardboard, Color of the spring levers:
blue, blue / blue, blue




Similar Part No. - 2202570

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2202571 PHOENIX-2202571 Datasheet
744Kb / 13P
HSCP-SP 2,5-1U4-55/55-7035 - PCB connector
2202572 PHOENIX-2202572 Datasheet
744Kb / 13P
HSCP-SP 2,5-1U4-22/22-7035 - PCB connecto
2202576 PHOENIX-2202576 Datasheet
63Kb / 3P
Plug-in card block - SKBD 12/MT
More results


Similar Description - 2202570

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
SP-66 TRIAD-SP-66 Datasheet
45Kb / 1P
SP-66
logo
Emerson Network Power
ALO EMERSON-NETWORKPOWER-ALO Datasheet
1Mb / 4P
66/120 Watts
logo
Ferroxcube Internationa...
CPP-P66-1S FERROXCUBE-CPP-P66-1S Datasheet
34Kb / 1P
CPP-P56/66-1S
logo
Ningbo Foryard Optoelec...
FYSH-3528UYC-66-12VF FORYARD-FYSH-3528UYC-66-12VF Datasheet
141Kb / 4P
FYSH-3528UYC-66-12VF
logo
FERYSTER Inductive Comp...
OBUD-EFD25 FERYSTER-OBUD-EFD25 Datasheet
93Kb / 1P
PA-66 101L
OBUD-TOR-R10 FERYSTER-OBUD-TOR-R10 Datasheet
193Kb / 1P
pA 66 Recyclingmaterial
logo
Roithner LaserTechnik G...
LED1050-66-60 ROITHNER-LED1050-66-60 Datasheet
118Kb / 1P
LED1050-66-60
logo
ERNI Electronics
101604110001 ERNI-101604110001 Datasheet
107Kb / 1P
Federleiste C 66 L철t
101404110001 ERNI-101404110001 Datasheet
83Kb / 1P
Messerleiste C 66 L철t
logo
Alliance Semiconductor ...
AS4C16M16D1A ALSC-AS4C16M16D1A Datasheet
2Mb / 64P
66-pin TSOPII PACKAGE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com