Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2202572 Datasheet (PDF) - PHOENIX CONTACT

2202572 Datasheet PDF - PHOENIX CONTACT
Part # 2202572
Download  2202572 Download
File Size   744.92 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description HSCP-SP 2,5-1U4-22/22-7035 - PCB connecto

2202572 Datasheet (PDF)

Go To PDF Page Download Datasheet
2202572 Datasheet PDF - PHOENIX CONTACT

Part # 2202572
Download  2202572 Click to download

File Size   744.92 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description HSCP-SP 2,5-1U4-22/22-7035 - PCB connecto

2202572 Datasheet (HTML) - PHOENIX CONTACT


2202572 Product details

PCB connector, nominal cross section: 2.5 mm2, color: light gray, nominal current: 8 A, rated
voltage (III/2): 320 V, contact surface: Sn, contact connection type: Socket, number of potentials:
4, number of rows: 2, number of positions: 4, number of connections: 4, product range: HSCPSP
2,5-.., pitch: 5 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, locking clip: - Locking clip, plug-in system: HSC 2,5, locking: without,
mounting method: without, type of packaging: packed in cardboard, Color of the spring levers:
red, red / red, red




Similar Part No. - 2202572

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2202570 PHOENIX-2202570 Datasheet
744Kb / 13P
HSCP-SP 2,5-1U4-66/66-7035 - PCB connector
2202571 PHOENIX-2202571 Datasheet
744Kb / 13P
HSCP-SP 2,5-1U4-55/55-7035 - PCB connector
2202576 PHOENIX-2202576 Datasheet
63Kb / 3P
Plug-in card block - SKBD 12/MT
More results


Similar Description - 2202572

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1860743 PHOENIX-1860743 Datasheet
716Kb / 12P
FKCOW 2,5/22-ST-5,08
1861438 PHOENIX-1861438 Datasheet
251Kb / 12P
FKCOR 2,5/22-ST-5,08
1989942 PHOENIX-1989942 Datasheet
83Kb / 5P
PCB terminal block - PTSA 0,5/22-2,5-F
1990203 PHOENIX-1990203 Datasheet
134Kb / 8P
PCB terminal block - PTSA 0,5/22-2,5-Z
1758212 PHOENIX-1758212 Datasheet
151Kb / 5P
MSTBV 2,5/22-G-5,08
1759211 PHOENIX-1759211 Datasheet
147Kb / 5P
MSTB 2,5/22-G-5,08
2202606 PHOENIX-2202606 Datasheet
114Kb / 8P
Printed-circuit board connector - HSCP-SP2,5-1UTT-62/62-7035
09/12/2020
1754847 PHOENIX-1754847 Datasheet
1Mb / 21P
PCB connector - MSTB 2,5/22-ST
1860976 PHOENIX-1860976 Datasheet
371Kb / 12P
FKCOW 2,5/22-STF-5,08 - PCB connector
1861661 PHOENIX-1861661 Datasheet
372Kb / 12P
FKCOR 2,5/22-STF-5,08 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com