Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX55C24 Datasheet (PDF) - First Components International

BZX55C24 Datasheet PDF - First Components International
Part # BZX55C24
Download  BZX55C24 Download
File Size   114.07 Kbytes
Page   2 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description 1/2 Watt ZENER DIODES (2.4V to 91V)

BZX55C24 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX55C24 Datasheet PDF - First Components International

Part # BZX55C24
Download  BZX55C24 Click to download

File Size   114.07 Kbytes
Page   2 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description 1/2 Watt ZENER DIODES (2.4V to 91V)

BZX55C24 Datasheet (HTML) - First Components International


BZX55C24 Product details

Features

■ WIDE VOLTAGE RANGE

■ MEETS UL SPECIFICATION 94V-0



 




Similar Part No. - BZX55C24

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX55C24 VISHAY-BZX55C24 Datasheet
70Kb / 6P
Silicon Epitaxial Planar Z-Diodes
01-Apr-99
logo
Seme LAB
BZX55C24 SEME-LAB-BZX55C24 Datasheet
19Kb / 2P
VOLTAGE REGULATOR DIODE IN A CERAMIC SURFACE MOUNT PACKAGE FOR HI.REL APPLICATIONS
logo
Fairchild Semiconductor
BZX55C24 FAIRCHILD-BZX55C24 Datasheet
23Kb / 1P
Series Half Watt Zeners
logo
Dc Components
BZX55C24 DCCOM-BZX55C24 Datasheet
199Kb / 2P
TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
logo
Diodes Incorporated
BZX55C24 DIODES-BZX55C24 Datasheet
168Kb / 3P
500mW ZENER DIODE
DS18013 Rev. 3 - 3
More results


Similar Description - BZX55C24

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
LL5221 FCI-LL5221 Datasheet
181Kb / 2P
쩍 Watt ZENER DIODES (2.4V to 62V) Mechanical Dimensions
MLL700 FCI-MLL700 Datasheet
102Kb / 2P
2.4V to 110V MLL ZENER DIODES (1/2 Watt)
SOTZ FCI-SOTZ Datasheet
88Kb / 2P
2.4V to 20V SOT 23 ZENER DIODES (1/4 Watt)
1N5221 FCI-1N5221 Datasheet
159Kb / 3P
1/2 Watt ZENER DIODES
BZX79C2V4 FCI-BZX79C2V4 Datasheet
96Kb / 2P
1/2 Watt ZENER DIODES (2.4V to 75V)
1N5223A FCI-1N5223A Datasheet
162Kb / 3P
ZENER DIODES (2.4V to 200V)
1N5224A FCI-1N5224A Datasheet
162Kb / 3P
ZENER DIODES (2.4V to 200V)
1N5225A FCI-1N5225A Datasheet
162Kb / 3P
ZENER DIODES (2.4V to 200V)
1N5227A FCI-1N5227A Datasheet
162Kb / 3P
쩍 Watt ZENER DIODES (2.4V to 200V)
1N5228A FCI-1N5228A Datasheet
162Kb / 3P
쩍 Watt ZENER DIODES (2.4V to 200V)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com