Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX79C22 Datasheet (PDF) - First Components International

BZX79C22 Datasheet PDF - First Components International
Part # BZX79C22
Download  BZX79C22 Download
File Size   96.69 Kbytes
Page   2 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description 1/2 Watt ZENER DIODES (2.4V to 75V)

BZX79C22 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX79C22 Datasheet PDF - First Components International

Part # BZX79C22
Download  BZX79C22 Click to download

File Size   96.69 Kbytes
Page   2 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description 1/2 Watt ZENER DIODES (2.4V to 75V)

BZX79C22 Datasheet (HTML) - First Components International


BZX79C22 Product details

Features
■ WIDE VOLTAGE RANGE
■ MEETS UL SPECIFICATION 94V-0




Similar Part No. - BZX79C22

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BZX79C22 FAIRCHILD-BZX79C22 Datasheet
22Kb / 2P
Series Half Watt Zeners
logo
Motorola, Inc
BZX79C22 MOTOROLA-BZX79C22 Datasheet
424Kb / 42P
500 mW DO-35 Glass Zener Voltage Regulator Diodes
logo
Fairchild Semiconductor
BZX79C22 FAIRCHILD-BZX79C22 Datasheet
47Kb / 5P
Zeners
logo
EIC discrete Semiconduc...
BZX79C22 EIC-BZX79C22 Datasheet
36Kb / 2P
ZENER DIODES
logo
Taiwan Semiconductor Co...
BZX79C22 TSC-BZX79C22 Datasheet
115Kb / 2P
500 mW Hermetically Sealed Glass Zener Voltage Regulators
More results


Similar Description - BZX79C22

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
LL5221 FCI-LL5221 Datasheet
181Kb / 2P
쩍 Watt ZENER DIODES (2.4V to 62V) Mechanical Dimensions
MLL700 FCI-MLL700 Datasheet
102Kb / 2P
2.4V to 110V MLL ZENER DIODES (1/2 Watt)
SOTZ FCI-SOTZ Datasheet
88Kb / 2P
2.4V to 20V SOT 23 ZENER DIODES (1/4 Watt)
BZX55C2V4 FCI-BZX55C2V4 Datasheet
114Kb / 2P
1/2 Watt ZENER DIODES (2.4V to 91V)
1N5223A FCI-1N5223A Datasheet
162Kb / 3P
ZENER DIODES (2.4V to 200V)
1N5224A FCI-1N5224A Datasheet
162Kb / 3P
ZENER DIODES (2.4V to 200V)
1N5225A FCI-1N5225A Datasheet
162Kb / 3P
ZENER DIODES (2.4V to 200V)
1N5227A FCI-1N5227A Datasheet
162Kb / 3P
쩍 Watt ZENER DIODES (2.4V to 200V)
1N5228A FCI-1N5228A Datasheet
162Kb / 3P
쩍 Watt ZENER DIODES (2.4V to 200V)
logo
E-CMOS Corporation
ECCZD5Z2V4 E-CMOS-ECCZD5Z2V4 Datasheet
316Kb / 6P
150mW Surface Mount Zener Diodes-2.4V-75V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com