Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPMC533 Datasheet (PDF) - TEWS Technologies GmbH

TPMC533 Datasheet PDF - TEWS Technologies GmbH
Part # TPMC533
Download  TPMC533 Download
File Size   443.18 Kbytes
Page   3 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description 32x ADC, 16x/0x DAC and 8x Digital I/O

TPMC533 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPMC533 Datasheet PDF - TEWS Technologies GmbH

Part # TPMC533
Download  TPMC533 Click to download

File Size   443.18 Kbytes
Page   3 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description 32x ADC, 16x/0x DAC and 8x Digital I/O

TPMC533 Datasheet (HTML) - TEWS Technologies GmbH


TPMC533 Product details

The TPMC533 is a standard single-wide PCI Mezzanine Card (PMC) compatible module providing 32 channels of simultaneous sampling true differential bipolar 16bit analog input, 16 or no channels of simultaneous update single-ended unipolar/bipolar 16bit analog output and 8 channels of tri-state 5V-tolerant TTL digital input/output. All signals are accessible through a HDRA100 type front I/O connector.
The PMC-Connectors P11 and P12 provide access to the control logic via a 32bit 33MHz PCI interface.
The ADCs offer true differential inputs with software selectable ±5V and ±10V bipolar input voltage ranges (one common setting for all eight channels of each ADC). The maximum sample rate of the ADCs is 200kSPS and they offer an oversampling capability with digital filter.
The DACs offer software selectable 0-5V, 0-10V, 0-10.8V, ±5V, ±10V and ±10.8V output voltage ranges (individual setting for each of the four channels of each DAC). The settling time is typically 10μs and the DAC channels are capable to drive a load of 2kΩ, with a capacitance up to 4000pF.
Each TPMC533 is factory calibrated. The correction data is stored in an on-board serial EEPROM unique to each PMC module. These correction values can be used to perform a hardware correction of every analog-to-digital and digital-to-analog conversion. Additionally, measurement data read out of a temperature sensor on-board can be used to compensate temperature dependent errors.
The TPMC533 provides two Sequencers, one for AD Conversions and another one for DA Conversions. To perform periodic simultaneous conversions the conversion rates are programmable and can be output to other modules on PMC Back I/O Connector P14 or Front I/O Connector DIO pins for synchronization purposes. The TPMC533 can also operate as a target which means that the conversion rates can be sourced from P14 or Front I/O, created by another module.
A Frame Trigger signal, which can also either be generated by the TPMC533 and output on P14/Front I/O or generated by other modules and input from P14/Front I/O, can be used to synchronize ADC frames and DAC frames.
The signals on PMC Back I/O Connector P14 are ESD protected and driven or read by tri-state 5V-tolerant TTL buffers.
To be able to collect ADC frames and to output DAC frames the TPMC533 provides input and output FIFOs. Data transfer on the PCI bus is handled by TPMC533 initiated block transfer mode DMA cycles with minimum host/CPU intervention.




Similar Part No. - TPMC533

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TPMC530 TEWS-TPMC530 Datasheet
342Kb / 3P
16/8-Ch. Isolated Simultaneous Sampling AD/DA
2020-06-23
TPMC530-10R TEWS-TPMC530-10R Datasheet
342Kb / 3P
16/8-Ch. Isolated Simultaneous Sampling AD/DA
2020-06-23
TPMC530-20R TEWS-TPMC530-20R Datasheet
342Kb / 3P
16/8-Ch. Isolated Simultaneous Sampling AD/DA
2020-06-23
TPMC530-DOC TEWS-TPMC530-DOC Datasheet
342Kb / 3P
16/8-Ch. Isolated Simultaneous Sampling AD/DA
2020-06-23
TPMC532 TEWS-TPMC532 Datasheet
471Kb / 3P
16x/8x ADC, 8x/4x DAC and 14x Digital I/O
2017-12-05
More results


Similar Description - TPMC533

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
KBC1100 SMSC-KBC1100 Datasheet
564Kb / 6P
MOBILE KBC WITH SUPER I/O, SFI, ADC AND DAC WITH SMSC SENTINELALERT
KBC1122 SMSC-KBC1122 Datasheet
591Kb / 5P
MOBILE KBC WITH SUPER I/O, SFI, ADC AND DAC WITH SMSC SENTINELALERT
logo
Analog Devices
AD1970 AD-AD1970 Datasheet
449Kb / 20P
Digital BTSC Encoder with Integrated ADC and DAC
4/05-Revision 0
logo
SMSC Corporation
KBC1122 SMSC-KBC1122_07 Datasheet
608Kb / 5P
Mobile KBC with Super I/O, SFI, ADC and DAC with SMSC SentinelAlert
logo
Princeton Technology Co...
PT8146 PTC-PT8146 Datasheet
375Kb / 27P
8-Bit 12-Ch I/O DAC
logo
IC-Haus GmbH
IC-DXC ICHAUS-IC-DXC_11 Datasheet
484Kb / 11P
DIGITAL SENSOR I/O DRIVER
logo
Texas Instruments
MSC1200 TI1-MSC1200_06 Datasheet
1Mb / 92P
Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
logo
Analog Devices
AD1970 AD-AD1970_15 Datasheet
450Kb / 20P
Digital BTSC Encoder with Integrated ADC and DAC
REV. 0
logo
List of Unclassifed Man...
ND-6050 ETC2-ND-6050 Datasheet
219Kb / 1P
Digital I/O Module
logo
AAEON Technology
SRG-ADIO AAEON-SRG-ADIO Datasheet
614Kb / 2P
Standard IoT Gateway System With ADC and Digital I/O Function
2022/10/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com