Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPMC530 Datasheet (PDF) - TEWS Technologies GmbH

TPMC530 Datasheet PDF - TEWS Technologies GmbH
Part # TPMC530
Download  TPMC530 Download
File Size   342.96 Kbytes
Page   3 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description 16/8-Ch. Isolated Simultaneous Sampling AD/DA

TPMC530 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPMC530 Datasheet PDF - TEWS Technologies GmbH

Part # TPMC530
Download  TPMC530 Click to download

File Size   342.96 Kbytes
Page   3 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description 16/8-Ch. Isolated Simultaneous Sampling AD/DA

TPMC530 Datasheet (HTML) - TEWS Technologies GmbH


TPMC530 Product details

Application Information
The TPMC530 is a standard single width 32 bit PMC with
faceplate I/O. The TPMC530-10R provides 16 channels of
isolated 16 bit simultaneous sampling analog input and 8
channels of isolated 16 bit simultaneous update analog
output. The TPMC530-20R provides 8 ADC channels and
4 DAC channels. All signals are accessible through a
HD50 SCSI-2 type front I/O connector.
The ADC offers true differential inputs with software
selectable ±5 V and ±10 V bipolar input voltage ranges
(one setting for all channels). The sampling rate is up to
200 kSPS and the ADC offers an oversampling capability
with digital filter.
The DAC offers software selectable 0-5 V, 0-10 V, ±5 V
and ±10 V output voltage ranges (one setting for all
channels). The conversion time is typ. 10 μs and the DAC
outputs are capable to drive a load of 2 kΩ, with a
capacitance up to 4000 pF.
Both ADC and DAC offer programmable sample clocks.
External synchronization is possible with a Trigger/Sync
RS485 I/O.
Each ADC / DAC provides a 1024 sample input / output
FIFO with programmable trigger levels. Data transfer on
the PCI bus is handled by TPMC530 initiated scattergather
DMA cycles with minimum host/CPU intervention.
Each TPMC530 is factory calibrated. The calibration can
be automatically applied to data written to and read from
the TPMC530.
Software Support (TDRV021-SW-xx) is available for
different operating systems.




Similar Part No. - TPMC530

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TPMC532 TEWS-TPMC532 Datasheet
471Kb / 3P
16x/8x ADC, 8x/4x DAC and 14x Digital I/O
2017-12-05
TPMC532-10R TEWS-TPMC532-10R Datasheet
471Kb / 3P
16x/8x ADC, 8x/4x DAC and 14x Digital I/O
2017-12-05
TPMC532-20R TEWS-TPMC532-20R Datasheet
471Kb / 3P
16x/8x ADC, 8x/4x DAC and 14x Digital I/O
2017-12-05
TPMC532-DOC TEWS-TPMC532-DOC Datasheet
471Kb / 3P
16x/8x ADC, 8x/4x DAC and 14x Digital I/O
2017-12-05
TPMC533 TEWS-TPMC533 Datasheet
443Kb / 3P
32x ADC, 16x/0x DAC and 8x Digital I/O
2017-12-05
More results


Similar Description - TPMC530

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB40166 FUJITSU-MB40166 Datasheet
697Kb / 20P
AD/DA CONVERTER
logo
List of Unclassifed Man...
TIP830 ETC1-TIP830 Datasheet
78Kb / 1P
8 Channel 12 (16) bit Simultaneous Sampling A/D
AD7819YR-REEL7 ETC2-AD7819YR-REEL7 Datasheet
34Kb / 1P
8-BIT SAMPLING AD CONVERTER
logo
Maxim Integrated Produc...
MAX11044 MAXIM-MAX11044 Datasheet
1Mb / 19P
4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 10/09
logo
Analog Devices
ADAS3023 AD-ADAS3023 Datasheet
617Kb / 32P
16-Bit, 8-Channel Simultaneous Sampling Data Acquisition System
REV. 0
logo
List of Unclassifed Man...
PXI-2020 ETC2-PXI-2020 Datasheet
249Kb / 2P
8/16-CH 16-Bit 250 KS/s Simultaneous Sampling DAQ Cards
logo
Texas Instruments
ADS8528, TI1-ADS8528,_16 Datasheet
1Mb / 57P
16-Bit, 8-Channel, Simultaneous Sampling ADCs
logo
Analog Devices
AD7771 AD-AD7771 Datasheet
357Kb / 14P
8-Ch, 24-Bit Simultaneous Sampling ADC
Rev. PrC
logo
Linear Technology
LTC2325-16 LINER-LTC2325-16 Datasheet
1Mb / 30P
Quad, 16-Bit, 5Msps/Ch Simultaneous Sampling ADC
logo
Advantech Co., Ltd.
PCIE-1812 ADVANTECH-PCIE-1812 Datasheet
424Kb / 1P
250 kS/s, 16-Bit, 8-Ch, Simultaneous Sampling Multifunction PCI Express DAQ Card
16-Jan-2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com