Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPMC532-DOC Datasheet (PDF) - TEWS Technologies GmbH

TPMC532-DOC Datasheet PDF - TEWS Technologies GmbH
Part # TPMC532-DOC
Download  TPMC532-DOC Download
File Size   471.15 Kbytes
Page   3 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description 16x/8x ADC, 8x/4x DAC and 14x Digital I/O

TPMC532-DOC Datasheet (PDF)

Go To PDF Page Download Datasheet
TPMC532-DOC Datasheet PDF - TEWS Technologies GmbH

Part # TPMC532-DOC
Download  TPMC532-DOC Click to download

File Size   471.15 Kbytes
Page   3 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description 16x/8x ADC, 8x/4x DAC and 14x Digital I/O

TPMC532-DOC Datasheet (HTML) - TEWS Technologies GmbH


TPMC532-DOC Product details

Application Information
The TPMC532 is a standard single-wide PCI Mezzanine Card (PMC) compatible module providing 16 or 8 channels of simultaneous sampling true differential bipolar 16bit analog input, 8 or 4 channels of simultaneous update single-ended unipolar/bipolar 16bit analog output and 14 channels of tri-state 5V-tolerant TTL digital input/output. All signals are accessible through a Mini D Ribbon (MDR68) type front I/O connector.
The PMC-Connectors P11 and P12 provide access to the control logic via a 32bit 33MHz PCI link.
The ADCs offer true differential inputs with software selectable ±5V and ±10V bipolar input voltage ranges (one common setting for all eight channels of each ADC). The maximum sample rate of the ADCs is 200kSPS and they offer an oversampling capability with digital filter.
The DACs offer software selectable 0-5V, 0-10V, 0-10.8V, ±5V, ±10V and ±10.8V output voltage ranges (individual setting for each of the four channels of each DAC). The settling time is typically 10μs and the DAC channels are capable to drive a load of 2kΩ, with a capacitance up to 4000pF.
Each TPMC532 is factory calibrated. The correction data is stored in an on-board serial EEPROM unique to each PMC module. These correction values can be used to perform a hardware correction of every analog-to-digital and digital-to-analog conversion. Additionally, a temperature sensor on-board can be used to compensate temperature dependent errors.
The TPMC532 provides two Sequencers, one for AD Conversions and another one for DA Conversions. To perform periodic simultaneous conversions the conversion rates are programmable and can be output to other modules on PMC Back I/O Connector P14 or Front I/O Connector DIO pins for synchronization purposes. The TPMC532 can also operate as a target which means that the conversion rates can be sourced from P14 or Front I/O, created by another module.
A Frame Trigger signal, which can also either be generated by the TPMC532 and output on P14/Front I/O or generated by other modules and input from P14/Front I/O, can be used to synchronize ADC frames and DAC frames.
The signals on PMC Back I/O Connector P14 are ESD protected and driven or read by tri-state 5V-tolerant TTL buffers.
To be able to collect ADC frames and to output DAC frames the TPMC532 provides input and output FIFOs. Data transfer on the PCI bus is handled by TPMC532 initiated block transfer mode DMA cycles with minimum host/CPU intervention.




Similar Part No. - TPMC532-DOC

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TPMC530 TEWS-TPMC530 Datasheet
342Kb / 3P
16/8-Ch. Isolated Simultaneous Sampling AD/DA
2020-06-23
TPMC530-10R TEWS-TPMC530-10R Datasheet
342Kb / 3P
16/8-Ch. Isolated Simultaneous Sampling AD/DA
2020-06-23
TPMC530-20R TEWS-TPMC530-20R Datasheet
342Kb / 3P
16/8-Ch. Isolated Simultaneous Sampling AD/DA
2020-06-23
TPMC530-DOC TEWS-TPMC530-DOC Datasheet
342Kb / 3P
16/8-Ch. Isolated Simultaneous Sampling AD/DA
2020-06-23
TPMC533 TEWS-TPMC533 Datasheet
443Kb / 3P
32x ADC, 16x/0x DAC and 8x Digital I/O
2017-12-05
More results


Similar Description - TPMC532-DOC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL602-20 PLL-PLL602-20 Datasheet
196Kb / 6P
200MHz XO IC With Selectable 4X/8X Multiplier
logo
Cirrus Logic
CS2300-02 CIRRUS-CS2300-02 Datasheet
90Kb / 3P
1x, 2x, 4x, and 8x Clock Multiplier with Internal LCO
logo
NXP Semiconductors
DAC1405D750 PHILIPS-DAC1405D750_11 Datasheet
379Kb / 42P
Dual 14-bit DAC, up to 750 Msps; 4x and 8x interpolating
Rev. 4-7 June 2011
logo
Cirrus Logic
CS2300-01 CIRRUS-CS2300-01 Datasheet
92Kb / 3P
1x, 2x, 4x, and 8x Clock Multiplier with Internal LCO
logo
Renesas Technology Corp
DAC1005D750 RENESAS-DAC1005D750 Datasheet
418Kb / 43P
Dual 10-bit DAC, up to 750 Msps; 4x and 8x interpolating
2 July 2012
DAC1205D750 RENESAS-DAC1205D750 Datasheet
414Kb / 41P
Dual 12-bit DAC, up to 750 Msps; 4x and 8x interpolating
2 July 2012
DAC1405D750 RENESAS-DAC1405D750 Datasheet
415Kb / 41P
Dual 14-bit DAC, up to 750 Msps; 4x and 8x interpolating
2 July 2012
logo
Molex Electronics Ltd.
1002200100 MOLEX-1002200100 Datasheet
864Kb / 5P
8X HD LEFT EXIT TO 8X HD 100 OHM
2018/08/28
1002205101 MOLEX-1002205101 Datasheet
1Mb / 5P
8X HD RIGHT EXIT TO 8X HD 100 OHM
2018/08/28
2050581000 MOLEX-2050581000 Datasheet
1Mb / 4P
8X STR NPIO TO 8X STR NPIO 2PC LATCH
2019/08/02
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com