Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1954977 Datasheet (PDF) - PHOENIX CONTACT

1954977 Datasheet PDF - PHOENIX CONTACT
Part # 1954977
Download  1954977 Download
File Size   957.85 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CCA 2,5/ 7-G-5,08 P26THR - PCB header

1954977 Datasheet (PDF)

Go To PDF Page Download Datasheet
1954977 Datasheet PDF - PHOENIX CONTACT

Part # 1954977
Download  1954977 Click to download

File Size   957.85 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CCA 2,5/ 7-G-5,08 P26THR - PCB header

1954977 Datasheet (HTML) - PHOENIX CONTACT


1954977 Product details

PCB headers, nominal cross section: 2.5 mm2, color: black, nominal current: 12 A, rated voltage
(III/2): 320 V, contact surface: Sn, contact connection type: Pin, number of potentials: 7, number
of rows: 1, number of positions: 7, number of connections: 7, product range: CCA 2,5/..-G, pitch:
5.08 mm, connection method: Plug-in connection, mounting: THR soldering / wave soldering, pin
layout: Linear pinning, solder pin [P]: 2.6 mm, number of solder pins per potential: 1, plug-in
system: COMBICON MSTB 2,5, Pin connector pattern alignment: Standard, locking: without,
mounting method: without, type of packaging: packed in cardboard, For user information and
design recommendations for through-hole reflow technology, go to: Downloads




Similar Part No. - 1954977

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1954906 PHOENIX-1954906 Datasheet
128Kb / 3P
Base strip - CC 2,5/12-GF-5,08 P26THRR88
1954919 PHOENIX-1954919 Datasheet
91Kb / 5P
Base strip - CCA 2,5/ 2-G-5,08 P26THR
1954922 PHOENIX-1954922 Datasheet
91Kb / 5P
Base strip - CCA 2.5/3-G-5.08 P26THR
1954935 PHOENIX-1954935 Datasheet
91Kb / 5P
Base strip - CCA 2,5/ 4-G-5,08 P26THR
1954951 PHOENIX-1954951 Datasheet
91Kb / 5P
Base strip - CCA 2.5/6-G-5.08 P26THR
More results


Similar Description - 1954977

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1954919 PHOENIX-1954919 Datasheet
91Kb / 5P
Base strip - CCA 2,5/ 2-G-5,08 P26THR
1954935 PHOENIX-1954935 Datasheet
91Kb / 5P
Base strip - CCA 2,5/ 4-G-5,08 P26THR
1955002 PHOENIX-1955002 Datasheet
127Kb / 5P
CCA 2,5/10-G-5,08 P26THR
1955028 PHOENIX-1955028 Datasheet
127Kb / 5P
CCA 2,5/12-G-5,08 P26THR
1955015 PHOENIX-1955015 Datasheet
69Kb / 3P
Base strip - CCA 2,5/11-G-5,08 P26THR
1955086 PHOENIX-1955086 Datasheet
163Kb / 5P
CCA 2,5/ 7-G-5,08 P26THRR56
1955905 PHOENIX-1955905 Datasheet
133Kb / 5P
CCVA 2,5/ 7-G-5,08 P26THR
1955918 PHOENIX-1955918 Datasheet
1Mb / 28P
PCB header - CCVA 2,5/ 8-G-5,08 P26THR
Jan 3, 2023
1955895 PHOENIX-1955895 Datasheet
1Mb / 28P
CCVA 2,5/ 6-G-5,08 P26THR - PCB header
1955688 PHOENIX-1955688 Datasheet
1Mb / 25P
CCV 2,5/ 7-GF-5,08 P26THR - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com