Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD20PHX65L2S Datasheet (PDF) - StarPower Europe AG

GD20PHX65L2S Datasheet PDF - StarPower Europe AG
Part # GD20PHX65L2S
Download  GD20PHX65L2S Download
File Size   253.65 Kbytes
Page   10 Pages
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG
Description 650V/20A in one-package

GD20PHX65L2S Datasheet (PDF)

Go To PDF Page Download Datasheet
GD20PHX65L2S Datasheet PDF - StarPower Europe AG

Part # GD20PHX65L2S
Download  GD20PHX65L2S Click to download

File Size   253.65 Kbytes
Page   10 Pages
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG
Description 650V/20A in one-package

GD20PHX65L2S Datasheet (HTML) - StarPower Europe AG


GD20PHX65L2S Product details

General Description
STARPOWER IGBT Power Module provides ultra low conduction loss as well as short circuit ruggedness. They are designed for the applications such as general inverters and UPS.

Features
 Low VCE(sat) Trench IGBT technology
 6μs short circuit capability
 VCE(sat) with positive temperature coefficient
 Maximum junction temperature 175oC
 Low inductance case
 Fast & soft reverse recovery anti-parallel FWD
 Isolated heatsink using DBC technology

Typical Applications
 Inverter for motor drive
 AC and DC servo drive amplifier
 Uninterruptible power supply




Similar Part No. - GD20PHX65L2S

ManufacturerPart #DatasheetDescription
logo
StarPower Europe AG
GD20PJX65F1S STARPOWER-GD20PJX65F1S Datasheet
532Kb / 12P
650V/20A PIM in one-package
4/30/2024
GD20PJX65F3S STARPOWER-GD20PJX65F3S Datasheet
298Kb / 12P
650V/20A PIM in one-package
5/30/2018
GD20PJX65L1S STARPOWER-GD20PJX65L1S Datasheet
289Kb / 13P
650V/20A PIM in one-package
10/16/2018
GD20PJX65L2S STARPOWER-GD20PJX65L2S Datasheet
656Kb / 13P
650V/20A PIM in one-package
6/22/2020
GD20PJX65L2SF STARPOWER-GD20PJX65L2SF Datasheet
653Kb / 13P
650V/20A PIM in one-package
10/12/2023
More results


Similar Description - GD20PHX65L2S

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2MBI200N-060-03 FUJI-2MBI200N-060-03 Datasheet
180Kb / 4P
600V / 200A 2 in one-package
2MBI300N-060 FUJI-2MBI300N-060 Datasheet
177Kb / 4P
600V / 300A 2 in one-package
logo
List of Unclassifed Man...
2MBI200S-120 ETC2-2MBI200S-120 Datasheet
499Kb / 4P
1200V / 200A 2 in one-package
logo
Fuji Electric
3MBI150U-120 FUJI-3MBI150U-120 Datasheet
117Kb / 5P
1200V / 150A 3 in one-package
2MBI200NB-120-01 FUJI-2MBI200NB-120-01 Datasheet
199Kb / 4P
1200V / 200A 2 in one-package
2MBI300S-120 FUJI-2MBI300S-120 Datasheet
853Kb / 4P
1200V / 300A 2 in one-package
2MBI200S-120 FUJI-2MBI200S-120 Datasheet
499Kb / 4P
1200V / 200A 2 in one-package
logo
Rohm
R6520KNZ4 ROHM-R6520KNZ4 Datasheet
2Mb / 15P
Nch 650V 20A Power MOSFET
logo
UnitedSiC.
UJD06520K UNITEDSIC-UJD06520K Datasheet
526Kb / 4P
20A - 650V SiC Schottky Diode...
Rev 1.02
logo
Silicon Supplies
SIS650S20AS SS-SIS650S20AS Datasheet
989Kb / 3P
650V 20A SiC Schottky Diode
Rev 1.0 30/10/23
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com