Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT2060 Datasheet (PDF) - Microtune,Inc

MT2060 Datasheet PDF - Microtune,Inc
Part # MT2060
Download  MT2060 Download
File Size   87.46 Kbytes
Page   2 Pages
Manufacturer  MICROTUNE [Microtune,Inc]
Direct Link  http://www.microtune.com
Logo MICROTUNE - Microtune,Inc
Description RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS

MT2060 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT2060 Datasheet PDF - Microtune,Inc

Part # MT2060
Download  MT2060 Click to download

File Size   87.46 Kbytes
Page   2 Pages
Manufacturer  MICROTUNE [Microtune,Inc]
Direct Link  http://www.microtune.com
Logo MICROTUNE - Microtune,Inc
Description RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS

MT2060 Datasheet (HTML) - Microtune,Inc


MT2060 Product details

The MicroTuner™ MT2060 is an advanced, low-power single-chip broadband tuner that has been optimized for high-performance cable modems and digital cable set top boxes that require low composite distortion and noise

under digital cable environments. The MT2060 is capable of receiving frequencies in the 48MHz to 860MHz range and of converting a selected channel to a standard intermediate frequency (IF) between 30MHz and 60MHz.



FEATURES

• 48MHz to 860MHz input frequency range

• 3.3V power supply

• Works seamlessly with all analog and digital demodulators

• Low-power 1W dual conversion architecture

• Integrated first IF filter reduces BOM by eliminating first IF SAW filter

• Single-ended RF input reduces BOM by eliminating input balun

• Minimal external components

• No manually tunable parts required

• Integrated IF variable gain amplifier for direct connection to digital demodulators

• Fully compatible with NTSC, PAL, SECAM, DAVIC, DVB-C, DOCSIS 1.0, 1.1, and 2.0, EuroDOCSIS, and other standards

• Capable of driving multiple IF filters

• Multiple power modes to 800mW



APPLICATIONS

• VoIP Telephony Modem

• Cable Modems

• PacketCable™ E-MTA’s

• Digital Set-top Boxes

• Home Gateways

• Multimedia Applications

• PC TV

• Flat Panel LCD TVs




Similar Part No. - MT2060

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MT2060 MICROSEMI-MT2060 Datasheet
47Kb / 2P
PICO AMP LOW LEAKAGE DIODES
logo
Microtune,Inc
MT2060 MICROTUNE-MT2060 Datasheet
244Kb / 2P
The MT2060-STV0297-RD is an inexpensive, integrated tuner- demodulator Reference Design solution for DVB-C applications
logo
Microsemi Corporation
MT2060A MICROSEMI-MT2060A Datasheet
47Kb / 2P
PICO AMP LOW LEAKAGE DIODES
More results


Similar Description - MT2060

ManufacturerPart #DatasheetDescription
logo
Microtune,Inc
MT1110 MICROTUNE-MT1110 Datasheet
84Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT1119 MICROTUNE-MT1119 Datasheet
83Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT1120 MICROTUNE-MT1120 Datasheet
69Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT1393ETC MICROTUNE-MT1393ETC Datasheet
219Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT1503EDC MICROTUNE-MT1503EDC Datasheet
157Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2022 MICROTUNE-MT2022 Datasheet
126Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2064 MICROTUNE-MT2064 Datasheet
75Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2122 MICROTUNE-MT2122 Datasheet
87Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2130 MICROTUNE-MT2130 Datasheet
83Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2131 MICROTUNE-MT2131 Datasheet
71Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com