Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT2064 Datasheet (PDF) - Microtune,Inc

MT2064 Datasheet PDF - Microtune,Inc
Part # MT2064
Download  MT2064 Download
File Size   75.48 Kbytes
Page   2 Pages
Manufacturer  MICROTUNE [Microtune,Inc]
Direct Link  http://www.microtune.com
Logo MICROTUNE - Microtune,Inc
Description RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS

MT2064 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT2064 Datasheet PDF - Microtune,Inc

Part # MT2064
Download  MT2064 Click to download

File Size   75.48 Kbytes
Page   2 Pages
Manufacturer  MICROTUNE [Microtune,Inc]
Direct Link  http://www.microtune.com
Logo MICROTUNE - Microtune,Inc
Description RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS

MT2064 Datasheet (HTML) - Microtune,Inc


MT2064 Product details

SINGLE-CHIP BROADBAND TUNER

The MicroTuner™ MT2064 is an advanced, low-power single-chip broadband tuner that has been optimized for high-performance cable modems and embedded multimedia terminal adapter (E-MTA) that require low composite distortion and low noise under digital cable environments.

FEATURES
• 48 MHz to 1000 MHz input frequency range
• 3.3V power supply
• Single-ended RF input reduces BOM by eliminating input balun
• Works seamlessly with all digital demodulators
• Low power dual-conversion architecture
• Minimal external components
• No tunable parts required
• Integrated IF variable gain amplifier for direct connection to digital demodulators
• Low phase noise for excellent performance in QAM 64 and QAM 256 systems
• Software and hardware shutdown modes
• Frequency synthesizers fully programmable via serial-control interface
• Fully integrated VCO circuitry simplifies PCB layout
• General-purpose input/ output (GPIO) controllable via serialcontrol interface
• Intermediate frequency (IF) output fully compatible with DOCSIS® 2.0, EuroDOCSIS™ 2.0
• Integrated temperature sensor
• Operates with a 16 MHz crystal
• Small 6 mm x 6 mm 40-pin Quad Flat No-Lead (QFN) package

APPLICATIONS
• VoIP Telephony Modems
• Cable Modems
• PacketCable™ E-MTA




Similar Part No. - MT2064

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT2064-HRGCT MARKTECH-MT2064-HRGCT Datasheet
37Kb / 1P
Marktech RT Angle PCB MT 5mm Bi?묬olor LEDs
MT2064-OYCT MARKTECH-MT2064-OYCT Datasheet
37Kb / 1P
Marktech RT Angle PCB MT 5mm Bi?묬olor LEDs
MT2064-RGCT MARKTECH-MT2064-RGCT Datasheet
37Kb / 1P
Marktech RT Angle PCB MT 5mm Bi?묬olor LEDs
MT2064-ROCT MARKTECH-MT2064-ROCT Datasheet
37Kb / 1P
Marktech RT Angle PCB MT 5mm Bi?묬olor LEDs
MT2064-RYCT MARKTECH-MT2064-RYCT Datasheet
37Kb / 1P
Marktech RT Angle PCB MT 5mm Bi?묬olor LEDs
More results


Similar Description - MT2064

ManufacturerPart #DatasheetDescription
logo
Microtune,Inc
MT1110 MICROTUNE-MT1110 Datasheet
84Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT1119 MICROTUNE-MT1119 Datasheet
83Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT1120 MICROTUNE-MT1120 Datasheet
69Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT1393ETC MICROTUNE-MT1393ETC Datasheet
219Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT1503EDC MICROTUNE-MT1503EDC Datasheet
157Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2022 MICROTUNE-MT2022 Datasheet
126Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2060 MICROTUNE-MT2060 Datasheet
87Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2122 MICROTUNE-MT2122 Datasheet
87Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2130 MICROTUNE-MT2130 Datasheet
83Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2131 MICROTUNE-MT2131 Datasheet
71Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com