Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXMC633 Datasheet (PDF) - TEWS Technologies GmbH

TXMC633 Datasheet PDF - TEWS Technologies GmbH
Part # TXMC633
Download  TXMC633 Download
File Size   519.32 Kbytes
Page   3 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description Reconfigurable FPGA with 64 TTL I/O / 32 Diff. I/O

TXMC633 Datasheet (PDF)

Go To PDF Page Download Datasheet
TXMC633 Datasheet PDF - TEWS Technologies GmbH

Part # TXMC633
Download  TXMC633 Click to download

File Size   519.32 Kbytes
Page   3 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description Reconfigurable FPGA with 64 TTL I/O / 32 Diff. I/O

TXMC633 Datasheet (HTML) - TEWS Technologies GmbH


TXMC633 Product details

Application Information
The TXMC633 is a standard single-width Switched Mezzanine Card (XMC) compatible module providing a user configurable XC6SLX45T-2 or XC6SLX100T-2 Spartan-6 FPGA.
The TXMC633-x0R has 64 ESD-protected TTL lines; the TXMC633-x1R provides 32 differential I/O lines using EIA 422 / EIA 485 compatible, ESD-protected line transceivers. The TXMC633-x2R provides 32 TTL and 16 differential I/Os. The TXMC633-x3R provides 32 differential I/O lines using Multipoint-LVDS Transceiver. The TXMC633-x4R provides 32 TTL and 16 differential I/O Multipoint-LVDS Transceiver.
For customer specific I/O extension or inter-board communication, the TXMC633-xx provides 64 FPGA I/Os on P14 and 3 FPGA Multi-Gigabit-Transceiver on P16. P14 I/O lines could be configured as 64 single ended LVCMOS33 or as 32 differential LVDS33 interface.
All I/O lines are individually programmable as input or output. Setting as input sets the I/O line to tri-state and could be used with on-board pull-up also as tri-stated output. Each TTL I/O line has a pull-resistor. The pull- voltage level is programmable to be either +3.3V, +5V and additionally GND. The differential RS485 I/O lines are terminated by 120Ω resistors and the differential MLVDS I/O lines are terminated by 100Ω resistors.
The User FPGA is connected to a 128 Mbytes, 16 bit wide DDR3 SDRAM. The SDRAM-interface uses a hardwired internal Memory Controller Block of the Spartan-6.The User FPGA is configured by a platform SPI flash or via PCIe download. The flash device is in-system programmable. An in-circuit debugging option is available via a JTAG header for read back and real-time debugging of the FPGA design (using Xilinx “ChipScope”).
The direct configuration via PCIe of the User FPGA is realized by the Configuration FPGA. Configuration data is programmed via 32 bit transfer register to the User FPGA ( Spartan6). Data source are XILINX ISE binary files ( .bit file or .bin file) which are generated by XILINX ISE Design Software. These binary files consist of header, preamble and configuration data. Only configuration data must be transferred. See also the XILINX User Guide (ug380) “Spartan6 FPGA Configuration” for more information about configuration details and configuration data file formats.
User applications for the TXMC633 with XC6SLX45T-2 FPGA can be developed using the design software ISE Project Navigator (ISE) and Embedded Development Kit (EDK). IDE versions are 14.7. Licenses for both design tools are required.
TEWS offers a well-documented basic FPGA Example Application design. It includes an .ucf file with all necessary pin assignments and basic timing constraints. The example design covers the main functionalities of the TXMC633. It implements local Bus interface to local Bridge device, register mapping, DDR3 memory access and basic I/O. It comes as a Xilinx ISE project with source code and as a ready-to-download bit stream.




Similar Part No. - TXMC633

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TXMC635 TEWS-TXMC635 Datasheet
292Kb / 3P
Reconfigurable FPGA with 48 x TTL IO 32 x 16 bit Analog In / 8 x 16 bit Analog Out
2018-01-25
TXMC635-10R TEWS-TXMC635-10R Datasheet
292Kb / 3P
Reconfigurable FPGA with 48 x TTL IO 32 x 16 bit Analog In / 8 x 16 bit Analog Out
2018-01-25
TXMC635-20R TEWS-TXMC635-20R Datasheet
292Kb / 3P
Reconfigurable FPGA with 48 x TTL IO 32 x 16 bit Analog In / 8 x 16 bit Analog Out
2018-01-25
TXMC635-DOC TEWS-TXMC635-DOC Datasheet
292Kb / 3P
Reconfigurable FPGA with 48 x TTL IO 32 x 16 bit Analog In / 8 x 16 bit Analog Out
2018-01-25
TXMC637 TEWS-TXMC637 Datasheet
450Kb / 3P
Reconfigurable FPGA with 16 x 16 bit Analog Input
2023-08-16
More results


Similar Description - TXMC633

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LPC47N217 SMSC-LPC47N217 Datasheet
150Kb / 5P
64 - PIN SUPUR I/O WITH LPC INTERFACE
logo
Holtek Semiconductor In...
HT6570 HOLTEK-HT6570 Datasheet
282Kb / 7P
I/O TTL INTEGRATION
2nd Apr 97
logo
SMSC Corporation
LPC47N217 SMSC-LPC47N217_07 Datasheet
94Kb / 5P
64-Pin Super I/O with LPC Interface
logo
List of Unclassifed Man...
AN221E04 ETC2-AN221E04 Datasheet
434Kb / 21P
Dynamically Reconfigurable FPAA With Enhanced I/O
logo
SMSC Corporation
LPC47N217N-JV SMSC-LPC47N217N-JV Datasheet
167Kb / 5P
64-Pin Super I/O with LPC Interface
logo
Advantech Co., Ltd.
PCL-730 ADVANTECH-PCL-730 Datasheet
165Kb / 1P
32-ch Isolated Digital I/O card with 32 TTL Channels and PCI Interface
logo
Holtek Semiconductor In...
HT1650 HOLTEK-HT1650_10 Datasheet
178Kb / 19P
6432 LCD Controller for I/O MCU
logo
National Instruments Co...
NIPXI-7813R NI-NIPXI-7813R_14 Datasheet
377Kb / 17P
Integrated Analog and Digital I/O with FPGA Technology
NIPXI7851R NI-NIPXI7851R Datasheet
377Kb / 17P
Integrated Analog and Digital I/O with FPGA Technology
logo
Advantech Co., Ltd.
PCIE-1730 ADVANTECH-PCIE-1730_V01 Datasheet
390Kb / 1P
32-Ch TTL, 32-Ch Isolated Digital I/O PCIe Card
27-Jun-2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com