Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXMC637 Datasheet (PDF) - TEWS Technologies GmbH

TXMC637 Datasheet PDF - TEWS Technologies GmbH
Part # TXMC637
Download  TXMC637 Download
File Size   450.34 Kbytes
Page   3 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description Reconfigurable FPGA with 16 x 16 bit Analog Input

TXMC637 Datasheet (PDF)

Go To PDF Page Download Datasheet
TXMC637 Datasheet PDF - TEWS Technologies GmbH

Part # TXMC637
Download  TXMC637 Click to download

File Size   450.34 Kbytes
Page   3 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description Reconfigurable FPGA with 16 x 16 bit Analog Input

TXMC637 Datasheet (HTML) - TEWS Technologies GmbH


TXMC637 Product details

Application Information
The TXMC637 is a standard single-width Switched
Mezzanine Card (XMC) compatible module providing
a user configurable FPGA (AMD Artix™ 7).
32 ADC input channels, based on four ADAS3022,
can be software configured in groups to operate in
single-ended or differential mode. Each of the 32
channels has a resolution of 16bit and can work with
up to 1 MSPS. The programmable gain amplifier is
software configurable and allows a full-scale input
voltage range of up to +/-10.24V.
The TXMC637 DAC output channels are based on
the Dual 16bit AD5547 DAC. Each DAC output is
designed as a configurable single-ended bipolar
analog output. Output voltage is configurable as
±10.0V, ±5.0V or ±2.5V.
32 ESD-protected TTL lines provide a flexible digital
interface. All I/O lines are individually programmable
either as input or output. Input I/O lines are tri-stated
and could be used with the on-board pull up or as tristated
output. Each TTL I/O line has a pull resistor
sourced by a common pull source. The pull voltage
level is selectable to be either +3.3V, +5V and
additionally GND.
16 of these ESD-protected TTL lines can be switched
to be either a TTL interface or RS422 interface.
Switching is done via the User FPGA. All 8 RS422
transceivers have individual internal switchable
terminations.
The User FPGA is connected to a 512 Mbytes, 16 bit
wide DDR3L SDRAM. (to be used with the AMD
Memory Interface Generator)
For customer specific I/O extension or inter-board
communication, the TXMC637 provides 64 FPGA
I/Os on P14 (directly connected). All P14 I/O lines can
be configured in accordance with 7-Series SelectI/O
features e.g. as 64 single ended LVCMOS25 or as 32
differential LVDS25 interface
The User FPGA is configured by a serial quad SPI
flash. For full PCIe specification compliance, the AMD
Tandem Configuration Feature can be required for
FPGA configuration. AMD Tandem Methodologies
“Tandem PROM” should be the favored Methodology.
The SPI flash device is in-system programmable. An
in-circuit debugging option is available via a JTAG
header for (real-time) debugging of the FPGA design.
User applications for the TXMC637 with Artix™ 7
FPGA can be developed using the AMD Vivado ™
design tool.




Similar Part No. - TXMC637

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TXMC633 TEWS-TXMC633 Datasheet
519Kb / 3P
Reconfigurable FPGA with 64 TTL I/O / 32 Diff. I/O
2018-01-25
TXMC633-10R TEWS-TXMC633-10R Datasheet
519Kb / 3P
Reconfigurable FPGA with 64 TTL I/O / 32 Diff. I/O
2018-01-25
TXMC633-11R TEWS-TXMC633-11R Datasheet
519Kb / 3P
Reconfigurable FPGA with 64 TTL I/O / 32 Diff. I/O
2018-01-25
TXMC633-12R TEWS-TXMC633-12R Datasheet
519Kb / 3P
Reconfigurable FPGA with 64 TTL I/O / 32 Diff. I/O
2018-01-25
TXMC633-13R TEWS-TXMC633-13R Datasheet
519Kb / 3P
Reconfigurable FPGA with 64 TTL I/O / 32 Diff. I/O
2018-01-25
More results


Similar Description - TXMC637

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC712 BURR-BROWN-DAC712 Datasheet
302Kb / 12P
16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
DAC715 BURR-BROWN-DAC715 Datasheet
288Kb / 11P
16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
logo
LOGIC Devices Incorpora...
LMU18 LODEV-LMU18 Datasheet
184Kb / 7P
16 x 16-bit Parallel Multiplier
logo
Texas Instruments
DAC712 TI1-DAC712 Datasheet
434Kb / 23P
16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC715 TI1-DAC715 Datasheet
230Kb / 14P
16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
logo
Microchip Technology
PIC24HJ256GP210A-I MICROCHIP-PIC24HJ256GP210A-I Datasheet
5Mb / 326P
16-bit Microcontrollers with Advanced Analog
11/29/11
logo
Shenzhen Titan Micro El...
TM7715 TITAN-TM7715 Datasheet
1Mb / 40P
16 bIt analog converter
logo
Generalplus Technology ...
GPCE2P064A GENERALPLUS-GPCE2P064A Datasheet
874Kb / 24P
16-bit Sound Controller with 32K X 16 OPT
GPCE060A GENERALPLUS-GPCE060A Datasheet
249Kb / 26P
16-Bit Sound Controller with 32K x 16 ROM
GPCE2048A GENERALPLUS-GPCE2048A Datasheet
861Kb / 24P
16-bit Sound Controller with 24K X 16 ROM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com