Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV32 Datasheet (PDF) - NXP Semiconductors

74LV32 Datasheet PDF - NXP Semiconductors
Part # 74LV32
Download  74LV32 Download
File Size   95.45 Kbytes
Page   15 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Quad 2-input OR gate

74LV32 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LV32 Datasheet PDF - NXP Semiconductors

Part # 74LV32
Download  74LV32 Click to download

File Size   95.45 Kbytes
Page   15 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Quad 2-input OR gate

74LV32 Datasheet (HTML) - NXP Semiconductors


74LV32 Product details

General description

The 74LV32 is a low-voltage Si-gate CMOS device that is pin and function compatible with 74HC32 and 74HCT32.

The 74LV32 provides a quad 2-input OR function.



Features

■ Wide operating voltage: 1.0 V to 5.5 V

■ Optimized for low voltage applications: 1.0 V to 3.6 V

■ Accepts TTL input levels between VCC = 2.7 V and VCC = 3.6 V

■ Typical output ground bounce < 0.8 V at VCC = 3.3 V and Tamb = 25 °C

■ Typical HIGH-level output voltage (VOH) undershoot: > 2 V at VCC = 3.3 V and Tamb = 25 °C

■ ESD protection:

   ◆ HBM JESD22-A114E exceeds 2000 V

   ◆ MM JESD22-A115-A exceeds 200 V

■ Multiple package options

■ Specified from −40 °C to +85 °C and from −40 °C to +125 °C



 




Similar Part No. - 74LV32

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV32 PHILIPS-74LV32 Datasheet
104Kb / 10P
Quad 2-input OR gate
1998 Apr 20
logo
Texas Instruments
74LV32A TI-74LV32A Datasheet
648Kb / 16P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Diodes Incorporated
74LV32A DIODES-74LV32A Datasheet
294Kb / 9P
QUADRUPLE 2-INPUT OR GATES
Rev 1
logo
Nexperia B.V. All right...
74LV32A NEXPERIA-74LV32A Datasheet
192Kb / 10P
Quad 2-input OR gate
Rev. 1 - 19 December 2018
74LV32A NEXPERIA-74LV32A Datasheet
11Mb / 234P
Discrete and MOSFET components, analog & logic ICs
More results


Similar Description - 74LV32

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS32 MOTOROLA-SN54LS32 Datasheet
121Kb / 4P
QUAD 2-INPUT OR GATE
logo
ON Semiconductor
MC74AC32 ONSEMI-MC74AC32 Datasheet
138Kb / 9P
QUAD 2-INPUT OR GATE
October, 2006 ??Rev. 7
MC74HC32A ONSEMI-MC74HC32A Datasheet
129Kb / 8P
Quad 2-Input OR Gate
March, 2000 ??Rev. 7
logo
NXP Semiconductors
74ALS32 PHILIPS-74ALS32 Datasheet
97Kb / 8P
Quad 2-Input OR gate
1991 Feb 08
logo
STMicroelectronics
74AC32 STMICROELECTRONICS-74AC32 Datasheet
70Kb / 8P
QUAD 2-INPUT OR GATE
Apr-2001
74LVQ32 STMICROELECTRONICS-74LVQ32 Datasheet
56Kb / 8P
QUAD 2-INPUT OR GATE
Feb-1999
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
QUAD 2 INPUT OR GATE
logo
Fairchild Semiconductor
DM74AS32 FAIRCHILD-DM74AS32 Datasheet
60Kb / 5P
Quad 2-Input OR Gate
DM74S32 FAIRCHILD-DM74S32 Datasheet
33Kb / 3P
Quad 2-Input OR Gate
MM74HCT32 FAIRCHILD-MM74HCT32_05 Datasheet
83Kb / 7P
Quad 2-Input OR Gate
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com