Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YB1211 Datasheet (PDF) - YOBON TECHNOLOGIES,INC.

YB1211 Datasheet PDF - YOBON TECHNOLOGIES,INC.
Part # YB1211
Download  YB1211 Download
File Size   413.7 Kbytes
Page   9 Pages
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.
Description 300mA External Adjustable LDO Regulator

YB1211 Datasheet (PDF)

Go To PDF Page Download Datasheet
YB1211 Datasheet PDF - YOBON TECHNOLOGIES,INC.

Part # YB1211
Download  YB1211 Click to download

File Size   413.7 Kbytes
Page   9 Pages
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.
Description 300mA External Adjustable LDO Regulator

YB1211 Datasheet (HTML) - YOBON TECHNOLOGIES,INC.


YB1211 Product details

Description

The YB1211 is a low-noise, low dropout (LDO) linear regulator with enable function and external adjustable output voltage. It operates at an input supply of 2.0~6.0V and is able to output voltages ranging from 1.23V (The YB1211 internal reference voltage) to 5V by a feedback from a pair of resistor divider.



Features

• 1.235V Internal Reference Voltage

• Adjustable Output Voltage : 1.22~5.0V

• Low-Noise and Low-Drop-Out

• Typical Output Current : 300mA

• Low Quiescent Current: ~60μA

• 320mV Dropout at 300mA 3.3V Output

• Stable with 1.0μF Ceramic Capacitor

• Only Need Input and Output Capacitors

• Thermal Protection Shutdown

• Output Short-Circuit Current Limit

• Built-In Internal Soft-Start

• Green Package (RoHS) Available



Applications

• PDA, Notebook, PC Computers

• DSC, Handset Camera Modules

• PCMCIA Cards, PC Cameras

• USB Based Portable Devices

• GSM/GPRS/3G RF Transceiver

• Wireless LANs

• Bluetooth Portable Radios

• Battery-Powered Devices



 




Similar Part No. - YB1211

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1210 YOBON-YB1210 Datasheet
449Kb / 12P
300mA Ultra-Low-Noise, High PSRR LDO Regulator
YB1210R YOBON-YB1210R Datasheet
388Kb / 12P
300mA, Ultra-Low-Noise, High PSRR LDO Regulator
YB1210ST23R120 YOBON-YB1210ST23R120 Datasheet
388Kb / 12P
300mA, Ultra-Low-Noise, High PSRR LDO Regulator
YB1210ST23R130 YOBON-YB1210ST23R130 Datasheet
388Kb / 12P
300mA, Ultra-Low-Noise, High PSRR LDO Regulator
YB1210ST23R140 YOBON-YB1210ST23R140 Datasheet
388Kb / 12P
300mA, Ultra-Low-Noise, High PSRR LDO Regulator
More results


Similar Description - YB1211

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9179 RICHTEK-RT9179 Datasheet
163Kb / 10P
Adjustable, 300mA LDO Regulator with Enable
logo
Advanced Analogic Techn...
AAT3244 ANALOGICTECH-AAT3244 Datasheet
824Kb / 15P
300mA Adjustable Dual CMOS Low Voltage LDO Linear Regulator
logo
Catalyst Semiconductor
CAT6218 CATALYST-CAT6218_08 Datasheet
274Kb / 10P
300mA CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9179 RICHTEK-RT9179_08 Datasheet
138Kb / 10P
Adjustable, 300mA LDO Regulator with Enable
RT9055 RICHTEK-RT9055 Datasheet
208Kb / 9P
300mA Dual LDO Regulator
logo
RICOH electronics devic...
R1130 RICOH-R1130 Datasheet
1Mb / 22P
300mA LDO REGULATOR
April 1, 2012
logo
Unisonic Technologies
LR9282 UTC-LR9282 Datasheet
175Kb / 4P
300mA LDO REGULATOR
logo
Excelliance MOS Corp.
EM1101 EXCELLIANCE-EM1101 Datasheet
260Kb / 8P
300mA High PSRR Low Noise, Adjustable LDO Regulator
EM1105 EXCELLIANCE-EM1105 Datasheet
756Kb / 8P
300mA, High PSRR, Low Noise, Adjustable LDO Regulator
logo
Nisshinbo Micro Devices...
R1130X NISSHINBO-R1130X Datasheet
1Mb / 22P
300mA LDO REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com