Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSF20122C Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TSF20122C Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TSF20122C
Download  TSF20122C Download
File Size   289.51 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 20A, 120V Trench Schottky Rectifier

TSF20122C Datasheet (PDF)

Go To PDF Page Download Datasheet
TSF20122C Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TSF20122C
Download  TSF20122C Click to download

File Size   289.51 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 20A, 120V Trench Schottky Rectifier

TSF20122C Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TSF20122C Product details

FEATURES
Excellent high temperature stability
Low forward voltage
Low power loss/ High efficiency
High forward surge capability
RoHS Compliant
Halogen-free
APPLICATIONS
Switching mode power supply (SMPS)
Adapters
DC to DC converters




Similar Part No. - TSF20122C

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSF20102C TSC-TSF20102C Datasheet
288Kb / 6P
20A, 100V Trench Schottky Rectifier
Version: A2405
More results


Similar Description - TSF20122C

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
C20L60CT CITC-C20L60CT Datasheet
483Kb / 3P
20A Trench Schottky Rectifier
CF20L45CT CITC-CF20L45CT Datasheet
468Kb / 3P
20A Trench Schottky Rectifier
CF20L120CT CITC-CF20L120CT Datasheet
481Kb / 3P
20A Trench Schottky Rectifier
logo
PFC Device Inc.
PT20L120E PFC-PT20L120E Datasheet
650Kb / 6P
20A 120V HPTR짰 Schottky Rectifier
PT20L120N5 PFC-PT20L120N5 Datasheet
818Kb / 5P
20A 120V HPTR짰 Schottky Rectifier
PT20L120SP PFC-PT20L120SP Datasheet
732Kb / 5P
20A 120V HPTR짰 Schottky Rectifier
PTR20H120CT PFC-PTR20H120CT Datasheet
775Kb / 7P
20A 120V HPTR짰 Schottky Rectifier
PTR20L120CT PFC-PTR20L120CT Datasheet
775Kb / 7P
20A 120V HPTR짰 Schottky Rectifier
PTR20120CT PFC-PTR20120CT Datasheet
773Kb / 7P
20A 120V HPTR Schottky Rectifier
PTR20V120CT PFC-PTR20V120CT Datasheet
776Kb / 7P
20A 120V HPTR짰 Schottky Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com