Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSF20122C Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TSF20122C
Description  20A, 120V Trench Schottky Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSF20122C Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TSF20122C Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSF20122C Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSF20122C Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSF20122C Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSF20122C Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSF20122C Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TSF20122C
Taiwan Semiconductor
5
Version: A2405
PACKAGE OUTLINE DIMENSIONS
ITO-220AB
P/N
GYWWF
4
4
10.30
9.60
Ø
3.40
3.00
2.54
13.80
12.60
3.16
2.50
6.90
6.30
2.96
2.30
0.76
0.46
A
0.50
A
MOUNT PLANE
1
3
2
1
3
NOTES: UNLESS OTHERWISE SPECIFIED
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. DIMENSIONING AND TOLERANCING
PER ASME Y14.5M-1994.
3. PACKAGE OUTLINE REFERENCE:
EIAJ ED-7500A-1, SC-91.
4
THIS DO NOT INCLUDE MOLD FLASH.
THESE DIMENSIONS ARE MEASURED AT
THE OUTERMOST EXTREME OF THE
PLASTIC BODY.
5. DWG NO. REF: HQ2SD07-ITO220AB-063 REV A.
P/N
= MARKING CODE
G
= GREEN COMPOUND
YWW
= DATE CODE
F
= FACTORY CODE
MARKING DIAGRAM
4.10 MAX
15.50
14.80
0.90
0.50
1.45
0.95
1.80 MAX
3.20
2.40
5.08
4.70
4.30



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com