Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XNF-9010RV Datasheet (PDF) - Hanwha Vision Co., Ltd. All rights Reserved.

XNF-9010RV Datasheet PDF - Hanwha Vision Co., Ltd. All rights Reserved.
Part # XNF-9010RV
Download  XNF-9010RV Download
File Size   1305.88 Kbytes
Page   5 Pages
Manufacturer  HANWHAVISION [Hanwha Vision Co., Ltd. All rights Reserved.]
Direct Link  https://www.hanwhavision.com/en/
Logo HANWHAVISION - Hanwha Vision Co., Ltd. All rights Reserved.
Description 12MP IR Fisheye Camera

XNF-9010RV Datasheet (PDF)

Go To PDF Page Download Datasheet
XNF-9010RV Datasheet PDF - Hanwha Vision Co., Ltd. All rights Reserved.

Part # XNF-9010RV
Download  XNF-9010RV Click to download

File Size   1305.88 Kbytes
Page   5 Pages
Manufacturer  HANWHAVISION [Hanwha Vision Co., Ltd. All rights Reserved.]
Direct Link  https://www.hanwhavision.com/en/
Logo HANWHAVISION - Hanwha Vision Co., Ltd. All rights Reserved.
Description 12MP IR Fisheye Camera

XNF-9010RV Datasheet (HTML) - Hanwha Vision Co., Ltd. All rights Reserved.


XNF-9010RV Product details

• 1/2.3" 12MP CMOS
• 1.08mm fixed focal lens
• Stereo graphic type lens, enhanced resolution for the peripheral regions
• H.265, H.264, MJPEG codec supported
• Fisheye, Single panorama, Double panorama, Quad view
• On board dewarping, Digital PTZ
• extreme WDR (120dB), WiseStreamⅡ support
• Wise IR, IR viewable length 10m
• Virtual channel support
• Plugin support, selectable I/O port
• Video Analytics, Heatmap, People counting
• Queue management
• Hard coated dome cover
• Motion detection, Handover, IP66/IK10/NEMA4X




Similar Part No. - XNF-9010RV

ManufacturerPart #DatasheetDescription
logo
Hanwha Vision Co., Ltd....
XNF-9010RV HANWHAVISION-XNF-9010RV Datasheet
1Mb / 5P
12MP IR Fisheye Camera - For mobile use
Ver 202405
XNF-9010RVM HANWHAVISION-XNF-9010RVM Datasheet
1Mb / 5P
12MP IR Fisheye Camera - For mobile use
Ver 202405
More results


Similar Description - XNF-9010RV

ManufacturerPart #DatasheetDescription
logo
Level One
WCS-6020 LVL1-WCS-6020 Datasheet
491Kb / 6P
2-Megapixel Day/Night Wireless P/T Network Camera - IR LEDs
WCS-6050 LVL1-WCS-6050 Datasheet
513Kb / 6P
5-Megapixel Day/Night Wireless P/T Network Camera - IR LEDs
BOH-1401 LVL1-BOH-1401_16 Datasheet
506Kb / 3P
Camera PoE Outdoor Enclosure, IR LEDs
BOH-1411 LVL1-BOH-1411_16 Datasheet
506Kb / 3P
Camera PoE Outdoor Enclosure, IR LEDs, FEVE Coating
logo
List of Unclassifed Man...
IPC-D112-PF28 ETC1-IPC-D112-PF28 Datasheet
563Kb / 3P
2MP Vandal-resistant Network IR Fixed Dome Camera
SEN0158 ETC-SEN0158 Datasheet
109Kb / 2P
Data Sheet of IR Positioning Camera For Arduino
2017/5/5
logo
Honeywell Solid State E...
H4W2PER2V HONEYWELL-H4W2PER2V Datasheet
562Kb / 2P
Network WDR 2MP IR Rugged Mini Dome Camera
H4W2PER3V HONEYWELL-H4W2PER3V Datasheet
561Kb / 2P
Network WDR 2MP IR Rugged Mini Dome Camera
HBW4PER1V HONEYWELL-HBW4PER1V Datasheet
526Kb / 2P
Network WDR 4 MP IR Bullet Camera
HBW4PER2V HONEYWELL-HBW4PER2V Datasheet
710Kb / 2P
Network WDR 4MP IR Bullet Camera
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com