Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XNF-9010RVM Datasheet (PDF) - Hanwha Vision Co., Ltd. All rights Reserved.

XNF-9010RVM Datasheet PDF - Hanwha Vision Co., Ltd. All rights Reserved.
Part # XNF-9010RVM
Download  XNF-9010RVM Download
File Size   1306.08 Kbytes
Page   5 Pages
Manufacturer  HANWHAVISION [Hanwha Vision Co., Ltd. All rights Reserved.]
Direct Link  https://www.hanwhavision.com/en/
Logo HANWHAVISION - Hanwha Vision Co., Ltd. All rights Reserved.
Description 12MP IR Fisheye Camera - For mobile use

XNF-9010RVM Datasheet (PDF)

Go To PDF Page Download Datasheet
XNF-9010RVM Datasheet PDF - Hanwha Vision Co., Ltd. All rights Reserved.

Part # XNF-9010RVM
Download  XNF-9010RVM Click to download

File Size   1306.08 Kbytes
Page   5 Pages
Manufacturer  HANWHAVISION [Hanwha Vision Co., Ltd. All rights Reserved.]
Direct Link  https://www.hanwhavision.com/en/
Logo HANWHAVISION - Hanwha Vision Co., Ltd. All rights Reserved.
Description 12MP IR Fisheye Camera - For mobile use

XNF-9010RVM Datasheet (HTML) - Hanwha Vision Co., Ltd. All rights Reserved.


XNF-9010RVM Product details

• 1/2.3" 12MP CMOS
• 1.08mm fixed focal lens
• Stereo graphic type lens, enhanced resolution for the peripheral regions
• H.265, H.264, MJPEG codec supported
• Fisheye, Single panorama, Double panorama, Quad view
• On board dewarping, Digital PTZ
• extreme WDR (120dB), WiseStreamⅡ support
• Wise IR, IR viewable length 10m
• Virtual channel support
• Plugin support, selectable I/O port
• Video Analytics, Heatmap, People counting
• Queue management
• Hard coated dome cover
• Motion detection, Handover, IP66/IK10/NEMA4X
• Mobile use available, supports M12




Similar Part No. - XNF-9010RVM

ManufacturerPart #DatasheetDescription
logo
Hanwha Vision Co., Ltd....
XNF-9010RV HANWHAVISION-XNF-9010RV Datasheet
1Mb / 5P
12MP IR Fisheye Camera
Ver 202405
More results


Similar Description - XNF-9010RVM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VS6524 STMICROELECTRONICS-VS6524 Datasheet
56Kb / 3P
VGA Mobile Camera Module
Rev. 2
logo
Rohm
BD6020GU ROHM-BD6020GU Datasheet
391Kb / 6P
Power supply for CCD camera of mobile phone
BD6028GU ROHM-BD6028GU Datasheet
399Kb / 6P
Power supply for CCD camera of mobile phone
BD6062GU ROHM-BD6062GU Datasheet
355Kb / 6P
Flash LED Driver for mobile phone with camera
logo
Molex Electronics Ltd.
0475780006 MOLEX6-0475780006 Datasheet
83Kb / 2P
Cover for Mobile Phone Camera Socket
0475780001 MOLEX6-0475780001 Datasheet
289Kb / 5P
Camera Socket for Mobile Phone, Top Mount, 6x6 Camera Module
0475860001 MOLEX6-0475860001 Datasheet
213Kb / 4P
Camera Socket for Mobile Phone, Top Mount, Side Contact, 6.5x6.5 Camera Module
1050760001 MOLEX11-1050760001 Datasheet
200Kb / 4P
Camera Socket for Mobile Phone, Bottom Contact, 7x7 Camera Module, Lead free
logo
STMicroelectronics
IMG-524-P01 STMICROELECTRONICS-IMG-524-P01 Datasheet
63Kb / 3P
VGA Mobile Camera Module
Feb-2005
logo
List of Unclassifed Man...
SEN0158 ETC-SEN0158 Datasheet
109Kb / 2P
Data Sheet of IR Positioning Camera For Arduino
2017/5/5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com