Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8024 Datasheet (PDF) - Analog Devices

LTM8024 Datasheet PDF - Analog Devices
Part # LTM8024
Download  LTM8024 Download
File Size   1211.83 Kbytes
Page   43 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad 40VIN, 3A Silent Switcher μModule Regulator with Package-Level EMI Shield

LTM8024 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTM8024 Datasheet PDF - Analog Devices

Part # LTM8024
Download  LTM8024 Click to download

File Size   1211.83 Kbytes
Page   43 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad 40VIN, 3A Silent Switcher μModule Regulator with Package-Level EMI Shield

LTM8024 Datasheet (HTML) - Analog Devices


LTM8024 Product details

FEATURES
Package-Level EMI Shielding
Minimize Near-Field Electric Field Noise
Reduce Near-Field Magnetic Field Noise
Pin-to-Pin Compatible with the LTM8060
Four Complete 3A (4A peak) Step-Down SwitchingPower Supplies
Low Noise Silent Switcher Architecture
Compliant with CISPR22 Class B/CISPR25 Class 5
Wide Input Voltage Range: 3V to 40V
Wide Output Voltage Range: 0.8V to 8V
4A Continuous Output Current per Channel at 12VIN,3.3VOUT, fSW = 2MHz, TA = 60°C
Multiphase or Multi-module Parallelable forIncreased Output Current
Low Thermal Resistance, θJA = 8.4°C/W,θJCtop = 4.6°C/W, θJCbot = 1°C/W
Selectable Switching Frequency: 200kHz to 3MHz
Available in a Compact 165-Pin, 16mm × 11.9mm ×2.9mm, Pre-Soldered Grid Array (PSGA) Package

APPLICATIONS
Automated Test Equipment
Industrial Supplies
Medical Equipment

GENERAL DESCRIPTION
The LTM8060F is a quad 40VIN, 3A (4A peak) step-down Silent Switcher® power μModule® (micromodule) regulator with package-level Electromagnetic interference (EMI) shield. The package-level EMI shield enables the Faraday cage to be applied directly to the LTM8060F package, and the EMI shield is electrically connected to the GND pins, providing a compact and effective near-field EMI reduction. The EMI shield eliminates all electric field noise, and a 10dB reduction is achieved on magnetic field noise. The Silent Switcher architecture minimizes EMI while delivering high efficiency.
Included in the package are the controllers, the power switches, the inductors, and the support components. Operating over a wide input voltage range, the LTM8060F supports output voltages from 0.8V to 8V and a switching frequency range of 200kHz to 3MHz, each set by a single resistor. Only the bulk input and the output filter capacitors are needed to finish the design. The LTM8060F outputs can be paralleled in an array for up to 12A (16A peak) capability (see Figure 1).




Similar Part No. - LTM8024

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTM8024 AD-LTM8024 Datasheet
3Mb / 54P
EN55022B Compliant 40V, Dual 4A or Single 8A Step-Down or 50W Inverting 關Module Regulator
LTM8024 AD-LTM8024 Datasheet
2Mb / 28P
Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
LTM8024 AD-LTM8024 Datasheet
2Mb / 28P
40VIN, Dual 500mA or Single 1A Ultralow Noise, Ultrahigh PSRR μModule Regulator
LTM8024 AD-LTM8024 Datasheet
1Mb / 26P
Triple 3A, Ultralow Noise, High PSRR, Ultrafast μModule Linear Regulator with Configurable Output Array
Rev. 0
LTM8024 AD-LTM8024 Datasheet
3Mb / 32P
16VIN, 12A Ultralow Noise Silent Switcher 3 μModule Regulator
Rev. 0
More results


Similar Description - LTM8024

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8003 LINER-LTM8003 Datasheet
401Kb / 30P
40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8053 LINER-LTM8053 Datasheet
376Kb / 28P
40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8063 LINER-LTM8063 Datasheet
1Mb / 24P
40VIN, 2A Silent Switcher 關Module Regulator
LTM8065 LINER-LTM8065 Datasheet
1Mb / 26P
40VIN, 2.5A Silent Switcher 關Module Regulator
LTM8073 LINER-LTM8073 Datasheet
1Mb / 26P
60VIN, 3A Silent Switcher 關Module Regulator
logo
Analog Devices
LTM8051 AD-LTM8051 Datasheet
2Mb / 28P
Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
LTM8060 AD-LTM8060 Datasheet
2Mb / 28P
Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
LT8350 AD-LT8350 Datasheet
1Mb / 24P
40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher
Rev. 0
EVAL-LT8350-AZ AD-EVAL-LT8350-AZ Datasheet
1Mb / 10P
40VIN, 18VOUT, 6A Synchronous Buck‑Boost Silent Switcher®
Rev. 0
LTM4710-1 AD-LTM4710-1 Datasheet
3Mb / 24P
Low VIN, Quad 8A Silent Switcher μModule Regulator
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com