Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8024 Datasheet(PDF) 5 Page - Analog Devices

Part # LTM8024
Description  Quad 40VIN, 3A Silent Switcher μModule Regulator with Package-Level EMI Shield
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8024 Datasheet(HTML) 5 Page - Analog Devices

  LTM8024 Datasheet HTML 1Page - Analog Devices LTM8024 Datasheet HTML 2Page - Analog Devices LTM8024 Datasheet HTML 3Page - Analog Devices LTM8024 Datasheet HTML 4Page - Analog Devices LTM8024 Datasheet HTML 5Page - Analog Devices LTM8024 Datasheet HTML 6Page - Analog Devices LTM8024 Datasheet HTML 7Page - Analog Devices LTM8024 Datasheet HTML 8Page - Analog Devices LTM8024 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
Data Sheet
LTM8060F
analog.com
Rev. 0
5 of 43
SPECIFICATIONS
Table 1. Electrical Characteristics
(TA = 25°C, VINn = 12V, RUNn = 2V unless otherwise noted.1,2 )
PARAMETER
SYMBOL
CONDITIONS
COMMENTS MIN TYP MAX UNITS
Minimum VIN1 Input
Voltage
VINn
–40°C ≤ TJ ≤
125°C
3.0
V
Minimum VIN34 Input
Voltage
VINn
–40°C ≤ TJ ≤
125°C
3.0
V
Minimum VIN2 Input
Voltage
VINn
VIN1 = 3V
–40°C ≤ TJ ≤
125°C
2.0
V
Output DC Voltage
VOUT
FBn open
0.8
V
FBn = 21.5kΩ
10
V
Maximum Output DC
Current
IOUT(MAX)
3
6
A
Quiescent Current into
VINn
IQ(VIN)
RUNn = 0
8
μA
BIASn = 5V, SYNCn = 3.3V,
no load
7
mA
Current into BIASn
IBIASn
RUNn = 0, BIASn = 5V
0.5
μA
BIASn = 5V, SYNCn = 3.3V,
no load
18
mA
Line Regulation
VLINEREG
5V < VINn < 40V, IOUTn = 1A
0.05
0.3
%
Load Regulation
VLOADREG
12VINn, 0.1A < IOUTn < 4A
0.1
0.5
%
Output RMS Ripple
VRIPPLE
3.3VOUTn, IOUTn = 4A
10
mV
FBn Voltage
VFB
792
800
808
mV
–40°C ≤ TJ ≤
125°C
784
800
816
mV
Current out of FBn
IFB
VOUTn = 1V, FBn = 0V
4
μA
Minimum BIASn for
Proper Operation
IBIAS
3.2
V
Switching Frequency
fSW
RTn = 200kΩ
200
kHz
RTn = 35.7kΩ
1
MHz
RTn = 8.06kΩ
3
MHz
RUNn Threshold
VRUN(ON)
0.74
V
RUNn Input Current
IRUN
RUNn = 0V
100
nA
PGn Threshold at FBn
VFBL
Lower threshold
740
mV
VFBH
Upper threshold
860
mV
PGn Output Sink Current
IPG
PGn = 0.1V
100
μA
CLKOUTn VOL
VOL(CLK)
0.2
V
CLKOUTn VOH
VOH(CLK)
3.2
V
SYNCn Input High
Threshold
VINH(SYNC)
1.5
V
SYNCn Input Low
Threshold
VINL(SYNC)
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com