Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8024 Datasheet(PDF) 35 Page - Analog Devices

Part # LTM8024
Description  Quad 40VIN, 3A Silent Switcher μModule Regulator with Package-Level EMI Shield
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8024 Datasheet(HTML) 35 Page - Analog Devices

Back Button LTM8024 Datasheet HTML 31Page - Analog Devices LTM8024 Datasheet HTML 32Page - Analog Devices LTM8024 Datasheet HTML 33Page - Analog Devices LTM8024 Datasheet HTML 34Page - Analog Devices LTM8024 Datasheet HTML 35Page - Analog Devices LTM8024 Datasheet HTML 36Page - Analog Devices LTM8024 Datasheet HTML 37Page - Analog Devices LTM8024 Datasheet HTML 38Page - Analog Devices LTM8024 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
Data Sheet
LTM8060F
analog.com
Rev. 0
35 of 43
Figure 70. 5.5V to 40V Input to Paralleled 3.3V at 6A (8A Peak), 3.2V to 40V Input to Paralleled 1.5V at 8A
*Output current capability (transient peak or continuous) is subject to environmental factors such as ambient
temperature, airflow, or other cooling techniques. For different VIN, VOUT, and TA conditions, see the notes section
(Note 3) of the Electrical Characteristics table and the derating curves in the Applications Information section.
35.7kΩ
39.2kΩ
47µF
×2
64.9kΩ
100µF
×2
143kΩ
4.7µF
×2
C4
1nF
VIN1
RUN1
RT12
SYNC12
VIN2
RUN2
fSW12 = 1MHz
VOUT1
VIN12
FB1
GND
VOUT2
5.5V TO 40V
VIN34
RUN3
RT34
SYNC34
fSW34 = 600kHz
VOUT3
FB3
GND
VOUT4
VOUT12
3.3V
UP TO 6A*
(8A PK)
VOUT34
1.5V
UP TO 8A*
RUN4
TRSS1
TRSS2
TRSS3
TRSS4
FB2
FB4
VIN34
3.2V TO 40V
SHARE1
SHARE2
SHARE3
SHARE4
C5
1nF
PINS NOT USED:
AUX1, AUX2, AUX3, AUX4,
BIAS12, BIAS34
PG1, PG2, PG3,
PG4, CLKOUT12,
CLKOUT34
4.7µF
×2
LTM8060F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com