Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8024 Datasheet(PDF) 13 Page - Analog Devices

Part # LTM8024
Description  Quad 40VIN, 3A Silent Switcher μModule Regulator with Package-Level EMI Shield
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8024 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTM8024 Datasheet HTML 9Page - Analog Devices LTM8024 Datasheet HTML 10Page - Analog Devices LTM8024 Datasheet HTML 11Page - Analog Devices LTM8024 Datasheet HTML 12Page - Analog Devices LTM8024 Datasheet HTML 13Page - Analog Devices LTM8024 Datasheet HTML 14Page - Analog Devices LTM8024 Datasheet HTML 15Page - Analog Devices LTM8024 Datasheet HTML 16Page - Analog Devices LTM8024 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
Data Sheet
LTM8060F
analog.com
Rev. 0
13 of 43
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, operating per Table 6, unless otherwise noted.
(a) LTM8060 without EMI Shielding
(b) LTM8060F with EMI Shielding
Figure 6. LTM8060F vs. LTM8060 SW Noise Comparison
Figure 7. Efficiency vs. Power Loss, VOUT = 0.8V, BIAS = 5V,
Burst Mode Operation
Figure 8. Efficiency vs. Power Loss, VOUT = 1V, BIAS = 5V,
Burst Mode Operation
36VIN, 5VOUT
1µs/DIV
SWITCH NODE
COUPLED
100mV/DIV
1µs/DIV
36VIN, 5VOUT
NO SWITCH NODE
COUPLED
20mV/DIV
EFFICIENCY
POWER LOSS
LOAD CURRENT (A)
0
1
2
3
4
50
60
70
80
90
0
1
2
3
4
12VIN
24VIN
36VIN
EFFICIENCY
POWER LOSS
LOAD CURRENT (A)
0
1
2
3
4
50
60
70
80
90
0
1
2
3
4
12VIN
24VIN
36VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com